Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV57708
Description  32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 5 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc HV57708 Datasheet HTML 6Page - Supertex, Inc HV57708 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV57708
4
23
32
25 26 27 28
36 37 38 39
4
DIR = H
DIR = L
DIR = H; CW (HVOUT1
→ HVOUT64)
DIR = L; CCW (HVOUT64
→ HVOUT1)
HV OUT 32
HV OUT 2
HV OUT 1
HOUT 33
HOUT 63
HOUT 64
Pin
1
1
SR1
SR2
SR3
SR4
Function Table
Function
Inputs
Outputs
Data
CLK
LE
BL
POL
DIR
Shift Reg
HV Outputs
Data Out
All O/P high
X
X
X
L
L
X
-
H
-
All O/P low
X
X
X
L
H
X
-
L-
O/P normal
X
X
X
H
H
X
-
No inversion
-
O/P inverted
X
X
X
H
L
X
-
Inversion
-
Data falls
through
(latches
transparent)
L_↑
_
HHH
X
L
L
-
H_↑
_
HHH
X
H
H
-
L_↑
_
HH
L
X
L
H
-
H_↑
_
HH
L
X
H
L
-
Data stored/
latches loaded
X
X
L
H
H
X
*
Stored Data
-
XX
L
H
L
X
*
Inversion of
stored data
-
I/O relation
D
I/O1-4A
_↑
_
HHHH
Q
n→Qn+1
New H or L
D
I/O1-4B
D
I/O1-4A
_↑
_
LH
H
H
Q
n→Qn+1
Previous H or L
D
I/O1-4B
D
I/O1-4B
_↑
_
LH
H
L
Q
n→Qn-1
Previous H or L
D
I/O1-4A
D
I/O1-4B
_↑
_
HHH
L
Q
n→Qn-1
New H or L
D
I/O1-4A
Note:
* = data at the last CLK ↑
Shift Register Operation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com