Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV57708
Description  32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 1 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc HV57708 Datasheet HTML 6Page - Supertex, Inc HV57708 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HV57708
Features
HVCMOS® technology
5.0V CMS Logic
Output voltage up to +80V
Low power level shifting
32MHz equivalent data rate
Latched data outputs
Foreward and reverse shifting options (DIR pin)
Diode to V
PP allows efficient power recovery
Outputs may be hot switched
Functional Block Diagram
32MHz, 64-Channel Serial to Parallel Converter
with Push-Pull Outputs
General Description
The device has 4 parallel 16-bit registers, permitting data
rates 4x the speed of one (they are clocked together). There
are also 64 latches and control logic to perform the polarity
select and blanking of the outputs. HVOUT1 is connected
to the first stage of the first shift register through the polarity
and blanking logic. Data is shifted through the shift registers
on the logic low to high transition of the clock. The DIR pin
causes CCW shifting when connected to GND, and CW
shifting when connected to VDD. A data output buffer is
provided for cascading devices. This output reflects the
current status of the last bit of the shift register (HVOUT64).
Operation of the shift register is not affected by the LE (latch
enable), BL (blanking), or the POL (polarity) inputs. Transfer
of data from the shift registers to the latches occurs when
the LE input is high. The data in the latches is stored when
the LE is low.
HV
3
7
11
HV
63
HV
4
8
12
HV
64
HV
2
6
10
HV
62
HV
1
5
9
HV
61
POL
PP
V
OUT
BL
D 4
OUT
OUT
OUT
OUT
OUT
OUT
OUT
LE
I
D 4
O
SR4
SR3
SR2
SR1
CLK
DIR
GND
DD
V
D 3
O
D 2
O
D 1
O
D 3
I
D 2
I
D 1
I
D 1
O
D 2
O
D 3
O
D 4
O
D 1
I
D 2
I
D 3
I
D 4
I
Note:
Each SR (shift register) provides 16 outputs. SR1 supplies every fourth output starting with 1; SR2 supplies every fourth output with 2, etc.
General Description
The HV57708 is a low voltage serial to high voltage
parallel converter with push-pull outputs. The device has
been designed for use as a driver for EL displays. It can
also be used in any application requiring multiple output
high voltage current sourcing and sinking capability such
as driving plasma panels, vacuum fluorescent displays, or
large matrix LCD displays.


Similar Part No. - HV57708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57708DG SUTEX-HV57708DG Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57708PG SUTEX-HV57708PG Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57708PG-G SUTEX-HV57708PG-G Datasheet
750Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708X SUTEX-HV57708X Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results

Similar Description - HV57708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com