Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV57708
Description  32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 6 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc HV57708 Datasheet HTML 6Page - Supertex, Inc HV57708 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV57708
Pin Function
Pin
#
Function
1
HVOUT24/41
2
HVOUT23/42
3
HVOUT22/43
4
HVOUT21/44
5
HVOUT20/45
6
HVOUT29/46
7
HVOUT18/47
8
HVOUT17/48
9
HVOUT16/49
10
HVOUT15/50
11
HVOUT14/51
12
HVOUT13/52
13
HVOUT12/53
14
HVOUT11/54
15
HVOUT10/55
16
HVOUT9/56
17
HVOUT8/57
18
HVOUT7/58
19
HVOUT6/59
20
HVOUT5/60
Pin
#
Function
21
HVOUT4/61
22
HVOUT3/62
23
HVOUT2/63
24
HVOUT1/64
25
DIN1/DOUT4(A)
26
DIN2/DOUT3(A)
27
DIN3/DOUT2(A)
28
DIN4/DOUT1(A)
29
LE
30
CLK
31
BL
32
VDD
33
DIR
34
GND
35
POL
36
DOUT4/DIN1(B)
37
DOUT3/DIN2(B)
37
DOUT2/DIN3(B)
39
DOUT1/DIN4(B)
40
VPP
Pin
#
Function
41
HVOUT64/1
42
HVOUT63/2
43
HVOUT62/3
44
HVOUT61/4
45
HVOUT60/5
46
HVOUT59/6
47
HVOUT58/7
48
HVOUT57/8
49
HVOUT56/9
50
HVOUT55/10
51
HVOUT54/11
52
HVOUT53/12
53
HVOUT52/13
54
HVOUT51/14
55
HVOUT50/15
56
HVOUT49/16
57
HVOUT48/17
58
HVOUT47/18
59
HVOUT46/19
60
HVOUT45/20
Pin
#
Function
61
HVOUT44/21
62
HVOUT43/22
63
HVOUT42/23
64
HVOUT41/24
65
HVOUT40/25
66
HVOUT39/26
67
HVOUT38/27
68
HVOUT37/28
69
HVOUT36/29
70
HVOUT35/30
71
HVOUT34/31
72
HVOUT33/32
73
HVOUT32/33
74
HVOUT31/34
75
HVOUT30/35
76
HVOUT29/36
77
HVOUT28/37
78
HVOUT27/38
79
HVOUT26/39
80
HVOUT25/40
Note:
Pin designation for DIR = H/L.
Example: For DIR = H, pin 41 is HVOUT64.
For DIR = L, pin 41 is HVOUT1.
For CW/CCW Shift see function table Q
N → QN+1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com