Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8305SC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
1
Track ID: JATR-1076-21 Rev. 1.2
1.
General Description
The RTL8305SC is a 5-port Fast Ethernet switch controller that integrates memory, five MACs, and five
physical layer transceivers for 10Base-T and 100Base-TX operation into a single chip. All ports support
100Base-FX, which shares pins (TX+-/RX+-) with UTP ports and needs no SD+/- pins, a development
using Realtek proprietary technology. To compensate for the lack of auto-negotiation in 100Base-FX
applications, the RTL8305SC can be forced into 100Base-FX half or full duplex mode, and can enable or
disable flow control in fiber mode.
The five ports are separated into three groups (GroupX/GroupY/Port4) for flexible port configuration
using strapping pins upon reset. The SetGroup pin is used to select port members in GroupX and GroupY.
When the port members have been determined, you may use a mode selection pin
(GxMode/Gymode/P4Mode[1:0]) to select operating interfaces such as 10/100Base-TX, 100Base-FX.
Each group has four pins for selecting initial port status upon reset (ANEG/Force, 100/10, Full/Half,
Enable/Disable Flow Control). Upon reset, in addition to using strapping pins, a CPU can also configure
the RTL8305SC via the MDC/MDIO interface.
The fifth port (port 4) supports an external MAC and an external PHY interface. The external MAC
interface can be set to PHY mode MII, PHY mode SNI, or MAC mode MII to work with a routing
engine, HomePNA, or VDSL transceiver. The external PHY interface can be set to PHY mode MII in the
digital interface, and UTP or fiber in the differential interface. In order to accomplish diagnostics in
complex network systems, the RTL8305SC also provides a loopback feature in each port for a variable
CPU system.
The RTL8305SC contains a 1K-entry address lookup table and supports a 16-entry CAM to avoid hash
collisions and to maintain forwarding performance. The 1K-entry table provides read/write access from
the SMI interface, and each of the entries can be configured as a static entry. A static entry indicates that
this entry is controlled by the external management processor and automatic aging and learning of the
entry will not take place. The RTL8305SC supports IEEE 802.3x full-duplex flow control and back-
pressure half-duplex flow control. A broadcast storm filtering function is provided to filter unusual
broadcast storm issues, and an intelligent switch engine prevents Head-Of -Line blocking problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com