Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8305SC Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
27
Track ID: JATR-1076-21 Rev. 1.2
6.
EEPROM Description
6.1. Port 0 Registers
6.1.1.
Global Control Register0
Table 12. Global Control Register0
Name
Byte.bit Description
Default
EEPROM Existence
0.7
1: EEPROM does not exist (pin EnEEPROM=0 or pin EnEEPROM=1 but
EEPROM does not exist)
0: EEPROM exists (pin EnEEPROM=1 and EEPROM exists)
0
Reserved
0.6
1
Internal Use
0.5
1
Internal Use
0.4
1
Internal Use
0.3
1
Enable Loop
Detection Function
0.2
1: Enable loop detection function
0: Disable loop detection function
0
Reserved
0.1
1
Internal Use
0.0
0
6.1.2.
Global Control Register1
Table 13. Global Control Register1
Name
Byte.bit
Description
Default
Page selection
1.7
1: Select the registers in page 1
0: Select the registers in page 0
0
Reserved
1.6
0
Lookup table
accessible enable
1.5
1: Lookup table is accessible via indirect access registers
0: Lookup table is not accessible
0
Internal Use
1.4
0
Reserved
1.3
0
Disable 802.1Q
tag aware VLAN
1.2
1: Disable 802.1Q tagged-VID Aware function. The RTL8305SC will not
check the tagged VID on received frames to perform tagged-VID VLAN
mapping. Under this configuration, the RTL8305SC only uses the per port
VLAN index register to perform Port-Based VLAN mapping
0: Enable the Member Set Filtering function of VLAN Ingress Rule. The
RTL8305SC checks the tagged VID on received frames with the
VIDA[11:0]~VIDH[11:0] to index to a member set, then performs VLAN
mapping. The RTL8305SC uses tagged-VID VLAN mapping for tagged
frames but still uses Port-Based VLAN mapping for priority-tagged and
untagged frames
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com