Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8305SC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
9
Track ID: JATR-1076-21 Rev. 1.2
5.
Pin Descriptions
‘Type’ codes used in the following tables: A=Analog; D=Digital, I=Input; O=Output,
PU=Internal pull-up, PD=Internal pull-down.
Upon Reset: Defined as a short time after the end of a hardware reset.
After Reset: Defined as the time after the specified ‘Upon Reset’ time.
5.1. Media Connection Pins
Table 2. Media Connection Pins
Pin Name
Pin No.
Type
Drive (mA) Description
RXIP[4:0]
RXIN[4:0]
2, 3, 12, 13,
16, 17, 26,
27, 30, 31
I
Differential Receive Data Input
Shared by 100Base-TX, 10Base-T, and 100Base-FX.
UTP or FX depends on pin GxMode/GyMode/P4Mode[1:0].
TXOP[4:0]
TXON[4:0]
5, 6, 9, 10,
19, 20, 23,
24, 33, 34
O
Differential Transmit Data Output
Shared by 100Base-TX, 10Base-T, and 100Base-FX.
UTP or FX depends on pin GxMode/GyMode/P4Mode[1:0].
5.2. Port 4 Configuration Pins
Table 3. Port 4 Configuration Pin Definitions
Pin Name
Pin No.
Type
Drive (mA) Description
Port 4 Configuration Pin Definitions
DISDUALMII
42
IPU
Disable Dual MII Interface Function
This pin disables or enables the Dual MII interface function of
port 4.
1: Disable
0: Enable
When enabled, the MAC circuit of port 4 can be set as MAC
mode MII, PHY mode MII, or PHY mode SNI. The PHY
circuit of port 4 is set as PHY mode MII.
The PHY circuit of port 4 can optionally be set as UTP or fiber
mode according to the P4MOD[1:0] configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com