Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 2 Page - SYC Electronica

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL062 Datasheet(HTML) 2 Page - SYC Electronica

  TL062 Datasheet HTML 1Page - SYC Electronica TL062 Datasheet HTML 2Page - SYC Electronica TL062 Datasheet HTML 3Page - SYC Electronica TL062 Datasheet HTML 4Page - SYC Electronica TL062 Datasheet HTML 5Page - SYC Electronica TL062 Datasheet HTML 6Page - SYC Electronica TL062 Datasheet HTML 7Page - SYC Electronica TL062 Datasheet HTML 8Page - SYC Electronica TL062 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL062 - TL062A - TL062B
2/10
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
TL062M, AM, BM
TL062I, AI, BI
TL062C, AC, BC
Unit
VCC
Supply voltage - note 1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference
level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vi
Input Voltage - note 2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
±15
V
Vid
Differential Input Voltage - note 3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Ptot
Power Dissipation
680
mW
Output Short-circuit Duration - note 4)
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating
is not exceeded
Infinite
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Non-inverting
Input
Inverting
Input
Output
1/2 TL062
4.2k
Ω
100
Ω
45k
Ω
220
Ω
64
Ω
270
Ω
3.2k
Ω
VCC
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com