Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 5 Page - SYC Electronica

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL062 Datasheet(HTML) 5 Page - SYC Electronica

  TL062 Datasheet HTML 1Page - SYC Electronica TL062 Datasheet HTML 2Page - SYC Electronica TL062 Datasheet HTML 3Page - SYC Electronica TL062 Datasheet HTML 4Page - SYC Electronica TL062 Datasheet HTML 5Page - SYC Electronica TL062 Datasheet HTML 6Page - SYC Electronica TL062 Datasheet HTML 7Page - SYC Electronica TL062 Datasheet HTML 8Page - SYC Electronica TL062 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TL062- TL062A - TL062B
5/10
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE versus SUPPLY VOLTAGE
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE versus LOAD FREQUENCY
DIFFERENTIAL VOLTAGE AMPLIFICATION
versus FREE AIR TEMPERATURE
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE versus FREE AIR TEMP.
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE versus FREQUENCY
LARGE SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT versus
FREQUENCY
10
2
4
7
-75
-50
-25
025
50
75
100
125
FREE AIR TEMPERATURE (˚C)
V
=
15V
CC
R
= 10k
Ω
L
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
6
10
5
10
4
10
3
10
2
10
1
10
1
0
45
90
135
180
RL = 2kΩ
=
5V to 15V
V
CC
= +25˚ C
Tamb
DIFF ERENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
PHASE SHIFT
(right scale)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com