Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 7 Page - SYC Electronica

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL062 Datasheet(HTML) 7 Page - SYC Electronica

Back Button TL062 Datasheet HTML 2Page - SYC Electronica TL062 Datasheet HTML 3Page - SYC Electronica TL062 Datasheet HTML 4Page - SYC Electronica TL062 Datasheet HTML 5Page - SYC Electronica TL062 Datasheet HTML 6Page - SYC Electronica TL062 Datasheet HTML 7Page - SYC Electronica TL062 Datasheet HTML 8Page - SYC Electronica TL062 Datasheet HTML 9Page - SYC Electronica TL062 Datasheet HTML 10Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TL062- TL062A - TL062B
7/10
VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE
OUTPUT VOLTAGE versus ELAPSED TIME
EQUIVALENT INPUT NOISE VOLTAGE versus FREQUENCY
6
4
2
0
-2
-4
02
4
6
8
10
TIME (
µs)
-6
OUTPUT
IN PUT
=
15V
= 10k
Ω
R
L
V
CC
= 100pF
C
L
T
amb = +25˚ C
t r
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
TIME (
µs)
10%
90%
OVERSHOOT
T
amb = +25˚ C
V
CC
= 15V
R
L = 10kΩ
70
60
50
40
30
20
10
0
10
40
100
400 1k
4k
10k
40k 100k
FREQUENCY (Hz)
80
90
100
R S = 100Ω
Tamb = +25˚C
VCC = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com