Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C/AC/BC Datasheet(PDF) 6 Page - SYC Electronica

Part # TL061C/AC/BC
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL061C/AC/BC Datasheet(HTML) 6 Page - SYC Electronica

  TL061C/AC/BC Datasheet HTML 1Page - SYC Electronica TL061C/AC/BC Datasheet HTML 2Page - SYC Electronica TL061C/AC/BC Datasheet HTML 3Page - SYC Electronica TL061C/AC/BC Datasheet HTML 4Page - SYC Electronica TL061C/AC/BC Datasheet HTML 5Page - SYC Electronica TL061C/AC/BC Datasheet HTML 6Page - SYC Electronica TL061C/AC/BC Datasheet HTML 7Page - SYC Electronica TL061C/AC/BC Datasheet HTML 8Page - SYC Electronica TL061C/AC/BC Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL061 - TL061A - TL061B
6/9
SUPPLY CURRENT PER AMPLIFIER versus
SUPPLY VOLTAGE
TOTAL POWER DISSIPATED versus FREE AIR
TEMPERATURE
NORMALIZED UNITY GAIN BANDWIDTH
SLEW RATE, AND PHASE SHIFT versus
TEMPERATURE
SUPPLY CURRENT PER AMPLIFIER versus
FREE AIR TEMPERATURE
COMMON MODE REJECTION RATIO versus
FREE AIR TEMPERATURE
INPUT BIAS CURRENT versus FREE AIR
TEMPERATURE
T
amb
No signal
No load
= +25˚C
250
200
150
100
50
0
02
6
4
8
10
12
14
16
SUPPLY VOLTAGE ( V)
10
5
0
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (˚C)
-75
15
20
25
30
=
15V
V
CC
No si gnal
N o load
0.9
0.8
0.7
-50
-25
0
25
50
75
100 125
FREE AIR TEMPERATURE (˚C)
-75
1
1.1
1.2
1.3
UNITY -GA IN-BA NDWIDTH
(left sc ale)
PHASE SH IFT
(right sc ale)
SLEW RAT E
(left scale)
=
15V
V
CC
R L = 10kΩ
f = B for phase shift
1
0.99
0.98
0.97
1
1.01
1.02
1.03
250
200
150
100
50
0
-75
-50
0
-25
25
50
75
100 125
FREE AIR TEMPERATURE (˚C)
V
CC
= 15V
No signal
No load
83
82
81
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (˚C)
-75
84
85
86
87
=
15V
V
CC
R
L
= 10k
Ω
100
10
1
0.1
0.01
-50
-25
025
50
75
100
125
FREE AIR TEMPERATURE (˚C)
V
CC =
15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com