Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C/AC/BC Datasheet(PDF) 1 Page - SYC Electronica

Part # TL061C/AC/BC
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL061C/AC/BC Datasheet(HTML) 1 Page - SYC Electronica

  TL061C/AC/BC Datasheet HTML 1Page - SYC Electronica TL061C/AC/BC Datasheet HTML 2Page - SYC Electronica TL061C/AC/BC Datasheet HTML 3Page - SYC Electronica TL061C/AC/BC Datasheet HTML 4Page - SYC Electronica TL061C/AC/BC Datasheet HTML 5Page - SYC Electronica TL061C/AC/BC Datasheet HTML 6Page - SYC Electronica TL061C/AC/BC Datasheet HTML 7Page - SYC Electronica TL061C/AC/BC Datasheet HTML 8Page - SYC Electronica TL061C/AC/BC Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s VERY LOW POWER CONSUMPTION :
200
µA
s WIDE COMMON-MODE (UP TO V
CC
+) AND
DIFFERENTIAL VOLTAGE RANGES
s LOW INPUT BIAS AND OFFSET CURRENTS
s OUTPUT SHORT-CIRCUIT PROTECTION
s HIGH INPUT IMPEDANCE J-FET INPUT
STAGE
s INTERNAL FREQUENCY COMPENSATION
s LATCH UP FREE OPERATION
s HIGH SLEW RATE : 3.5V/
µs
DESCRIPTION
The TL061, TL061A and TL061B are high speed
J-FET input single operational amplifiers family.
Each of these J-FET input operational amplifiers
incorporates well matched, high voltage J-FET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input bias
and offset currents, and low offset voltage temper-
ature coefficient.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
TL061M/AM/BM
-55°C, +125°C
••
TL061I/AI/BI
-40°C, +105°C
••
TL061C/AC/BC
0°C, +70°C
••
Example : TL061IN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
1 - Offset null 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Offset null 2
6 - Output
7 - VCC
+
8 - N.C.
TL061
TL061A - TL061B
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
November 2001


Similar Part No. - TL061C/AC/BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL061C STMICROELECTRONICS-TL061C Datasheet
105Kb / 9P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
Oct-1997
logo
Texas Instruments
TL061C TI-TL061C Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CD TI-TL061CD Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CD TI-TL061CD Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CD STMICROELECTRONICS-TL061CD Datasheet
315Kb / 14P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
More results

Similar Description - TL061C/AC/BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
Oct-1997
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
logo
Integral Corp.
IL062 INTEGRAL-IL062 Datasheet
494Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com