Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C/AC/BC Datasheet(PDF) 7 Page - SYC Electronica

Part # TL061C/AC/BC
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL061C/AC/BC Datasheet(HTML) 7 Page - SYC Electronica

  TL061C/AC/BC Datasheet HTML 1Page - SYC Electronica TL061C/AC/BC Datasheet HTML 2Page - SYC Electronica TL061C/AC/BC Datasheet HTML 3Page - SYC Electronica TL061C/AC/BC Datasheet HTML 4Page - SYC Electronica TL061C/AC/BC Datasheet HTML 5Page - SYC Electronica TL061C/AC/BC Datasheet HTML 6Page - SYC Electronica TL061C/AC/BC Datasheet HTML 7Page - SYC Electronica TL061C/AC/BC Datasheet HTML 8Page - SYC Electronica TL061C/AC/BC Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TL061 - TL061A - TL061B
7/9
VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE
OUTPUT VOLTAGE versus ELAPSED TIME
EQUIVALENT INPUT NOISE VOLTAGE versus FREQUENCY
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage Follower
Figure 2 : Gain-of-10 inverting amplifier
6
4
2
0
-2
-4
02
4
6
8
10
TIME (
µs)
-6
OUTPUT
IN PUT
=
15V
= 10k
Ω
R
L
V
CC
= 100pF
C
L
T
amb = +25˚ C
t r
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
TIME (
µs)
10%
90%
OVERSHOOT
T
amb = +25˚C
V
CC
= 15V
R
L = 10k Ω
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
80
90
100
R S = 100Ω
Tamb = +25˚ C
VCC =
15V
-
eI
TL061
R L
C
L= 100pF
1k
Ω
10k
Ω
eo



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com