Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1189
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1189 Datasheet HTML 2Page - Semtech Corporation SC1189 Datasheet HTML 3Page - Semtech Corporation SC1189 Datasheet HTML 4Page - Semtech Corporation SC1189 Datasheet HTML 5Page - Semtech Corporation SC1189 Datasheet HTML 6Page - Semtech Corporation SC1189 Datasheet HTML 7Page - Semtech Corporation SC1189 Datasheet HTML 8Page - Semtech Corporation SC1189 Datasheet HTML 9Page - Semtech Corporation SC1189 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Unless specified: 4.75V < VCC < 5.25V; GND = PGND = 0V; VOSENSE = V
O; 0mV < (CS+-CS-) < 60mV; = 0°C < Tj < 85°C
Applications Information - Output Voltage Table
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
D
I
V
n
i
Mp
y
Tx
a
Ms
t
i
n
U
V
M
5
20
1
2
3
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
I
O
ti
u
c
ri
c
n
o
it
a
c
il
p
p
A
n
i
A
2
=0
0
0
1
04
3
0
.
10
5
0
.
16
6
0
.
1V
10
0
1
09
5
0
.
15
7
0
.
11
9
0
.
1
01
1
0
04
8
0
.
10
0
1
.
17
1
1
.
1
11
1
0
08
0
1
.
15
2
1
.
12
4
1
.
1
00
1
0
03
3
1
.
10
5
1
.
17
6
1
.
1
10
1
0
07
5
1
.
15
7
1
.
13
9
1
.
1
01
0
0
02
8
1
.
10
0
2
.
18
1
2
.
1
11
0
0
07
0
2
.
15
2
2
.
13
4
2
.
1
00
0
0
01
3
2
.
10
5
2
.
19
6
2
.
1
10
0
0
06
5
2
.
15
7
2
.
14
9
2
.
1
01
1
1
11
8
2
.
10
0
3
.
10
2
3
.
1
11
1
1
15
0
3
.
15
2
3
.
15
4
3
.
1
00
1
1
10
3
3
.
10
5
3
.
10
7
3
.
1
10
1
1
14
5
3
.
15
7
3
.
16
9
3
.
1
01
0
1
19
7
3
.
10
0
4
.
11
2
4
.
1
11
0
1
14
0
4
.
15
2
4
.
16
4
4
.
1
00
0
1
18
2
4
.
10
5
4
.
12
7
4
.
1
10
0
1
13
5
4
.
15
7
4
.
17
9
4
.
1
01
1
0
18
7
4
.
10
0
5
.
13
2
5
.
1
11
1
0
12
0
5
.
15
2
5
.
18
4
5
.
1
00
1
0
17
2
5
.
10
5
5
.
13
7
5
.
1
10
1
0
11
5
5
.
15
7
5
.
19
9
5
.
1
01
0
0
14
8
5
.
10
0
6
.
16
1
6
.
1
11
0
0
19
0
6
.
15
2
6
.
11
4
6
.
1
00
0
0
14
3
6
.
10
5
6
.
17
6
6
.
1
10
0
0
18
5
6
.
15
7
6
.
12
9
6
.
1
01
1
1
03
8
6
.
10
0
7
.
17
1
7
.
1
11
1
1
08
0
7
.
15
2
7
.
12
4
7
.
1
00
1
1
03
3
7
.
10
5
7
.
18
6
7
.
1
10
1
1
07
5
7
.
15
7
7
.
13
9
7
.
1
01
0
1
02
8
7
.
10
0
8
.
18
1
8
.
1
11
0
1
08
9
7
.
15
2
8
.
12
5
8
.
1
Note 1: VID[3:0] correspond to legacy VRM8.4 voltage levels for 1.3V to 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com