Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1189
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1189 Datasheet HTML 3Page - Semtech Corporation SC1189 Datasheet HTML 4Page - Semtech Corporation SC1189 Datasheet HTML 5Page - Semtech Corporation SC1189 Datasheet HTML 6Page - Semtech Corporation SC1189 Datasheet HTML 7Page - Semtech Corporation SC1189 Datasheet HTML 8Page - Semtech Corporation SC1189 Datasheet HTML 9Page - Semtech Corporation SC1189 Datasheet HTML 10Page - Semtech Corporation SC1189 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Careful attention to layout requirements are necessary for
successful implementation of the SC1189 PWM control-
ler. High currents switching at 200kHz are present in the
application and their effect on ground plane voltage differ-
entials must be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents to
particular areas, for example the input capacitor and bot-
tom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the Top
FET (Q1) and the Bottom FET (Q2) must be kept as small
as possible. This loop contains all the high current, fast
Layout Guidelines
transition switching. Connections should be as wide and
as short as possible to minimize loop inductance. Mini-
mizing this loop area will a) reduce EMI, b) lower ground
injection currents, resulting in electrically “cleaner” grounds
for the rest of the system and c) minimize source ringing,
resulting in more reliable gate switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper re-
gion. It should be as short as practical. Since this connec-
tion has fast voltage transitions, keeping this connection
short will minimize EMI. The connection between the out-
put inductor and the sense resistor should be a wide trace
or copper area, there are no fast voltage or current transi-
tions in this connection and length is not so important,
however adding unnecessary impedance will reduce effi-
ciency.
Vout
12V IN
3.3V
Vo Lin1
Vo Lin2
5V
L
5mOhm
+
Cout
+
Cin
10
Q2
0.1uF
Q3
+
Cout Lin1
2.32k
Q4
+
Cout Lin2
1.00k
+
Cin Lin
SC1189
AGND
1
VCC
5
PWRGD
6
LDOEN
7
CS-
8
CS+
9
PGNDH
10
DH
11
BSTH
15
EN
16
VOSENSE
17
VID25MV
18
VID3
19
VID2
20
VID1
21
VID0
22
DL
13
PGNDL
12
BSTL
14
GATE2
24
GATE1
2
LDOV
23
LDOS1
3
LDOS2
4
Q1
0.1uF
Heavy lines indicate
high current paths.
Layout Diagram
SC1189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com