Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1189
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1189 Datasheet HTML 1Page - Semtech Corporation SC1189 Datasheet HTML 2Page - Semtech Corporation SC1189 Datasheet HTML 3Page - Semtech Corporation SC1189 Datasheet HTML 4Page - Semtech Corporation SC1189 Datasheet HTML 5Page - Semtech Corporation SC1189 Datasheet HTML 6Page - Semtech Corporation SC1189 Datasheet HTML 7Page - Semtech Corporation SC1189 Datasheet HTML 8Page - Semtech Corporation SC1189 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1189
Programmable Synchronous DC/DC
Converter, Dual LDO Controller
Features
Applications
Revision: July 6, 2005
Description
The SC1189 combines a synchronous voltage mode
controller with two low-dropout linear regulators
providing most of the circuitry necessary to implement
three DC/DC converters for powering advanced
microprocessors such as Pentium®III.
The SC1189 switching section features an integrated 5
bit D/A converter, latched drive output for enhanced noise
immunity, pulse by pulse current limiting and logic
compatible shutdown. The SC1189 switching section
operates at a fixed frequency of 200kHz, providing an op-
timum compromise between size, efficiency and cost in
the intended application areas. The integrated D/A con-
verter provides programmability of output voltage from
1.05V to 1.825V in 25mV increments with no external
components.
The SC1189 linear sections are low dropout regulators
with short circuit protection, supplying 1.25V for Vtt and
2.5V for non-GTL I/O. They can be easily adjusted to sup-
ply higher voltages e.g. 1.8V chipset.
·Synchronous design, enables no heatsink solution
95% efficiency (switching section)
5 bit DAC for output programmability
Designed for Intel Pentium® III requirements
1.25V, 2.5V short circuit protected linear controllers
Linear controllers adjustable to 1.8V chipset.
VRM 8.5 Compliant
VRM 8.4 Compliant (1.3V to 1.8V)
1.0% accuracy (1.6V to 1.8V)
On Chip Power Good Signal
Pentium® III microprocessor supplies
1.050V to 1.825V microprocessor supplies
Programmable triple power supplies
3.3V
0.1uF
EN
10
x4
+
1500uF
U6
SC1189CS
1
5
6
7
8
9
10
11
15
16
17
18
19
20
21
22
13
12
14
24
2
23
3
4
AGND
VCC
PWRGD
LDOEN
CS-
CS+
PGNDH
DH
BSTH
EN
VOSENSE
VID3
VID2
VID1
VID0
VID25MV
DL
PGNDL
BSTL
GATE2
GATE1
LDOV
LDOS1
LDOS2
2R2
+
330uF
+
1500uF
+
330uF
442
2.5V
2.5mOhm
2R2
VID2
1k
0.1uF
VID3
1.0k
OPEN
PWRGD
VID25MV
0.1uF
x6
10k
VID0
5V
VID1
12V
5V
1.00k
1.8V
VCC_CORE
0.1uF
+
47uF
+
330uF
1.2uH
0.1uF
Simplified Application Circuit


Similar Part No. - SC1189

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189SWTR SEMTECH-SC1189SWTR Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
SC1189SWTR SEMTECH-SC1189SWTR Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189SWTRT SEMTECH-SC1189SWTRT Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results

Similar Description - SC1189

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com