Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189SWTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1189SWTR
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189SWTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1189SWTR Datasheet HTML 1Page - Semtech Corporation SC1189SWTR Datasheet HTML 2Page - Semtech Corporation SC1189SWTR Datasheet HTML 3Page - Semtech Corporation SC1189SWTR Datasheet HTML 4Page - Semtech Corporation SC1189SWTR Datasheet HTML 5Page - Semtech Corporation SC1189SWTR Datasheet HTML 6Page - Semtech Corporation SC1189SWTR Datasheet HTML 7Page - Semtech Corporation SC1189SWTR Datasheet HTML 8Page - Semtech Corporation SC1189SWTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Pin Configuration
Ordering Information
Pin Descriptions
Notes:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
Pr
a
e
n
i
L
e
g
a
t
l
o
V
p
m
e
T
T
(
e
g
n
a
R
J)
R
T
W
S
9
8
1
1
C
S
4
2
-
O
SV
5
.
2
/
V
5
2
.
1C
°
5
2
1
o
t
°
0
T
R
T
W
S
9
8
1
1
C
S
)
2
(
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1D
N
G
Ad
n
u
o
r
G
l
a
ti
g
i
D
d
n
a
g
o
l
a
n
A
l
a
n
g
i
S
ll
a
m
S
21
E
T
A
G1
O
D
L
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
31
S
O
D
L1
O
D
L
r
o
f
t
u
p
n
I
e
s
n
e
S
42
S
O
D
L2
O
D
L
r
o
f
t
u
p
n
I
e
s
n
e
S
5C
C
Ve
g
a
tl
o
V
t
u
p
n
I
6D
G
R
W
P
e
g
n
a
r
d
il
a
v
e
d
i
s
t
u
o
s
i
E
R
O
C
_
C
C
V
fi
w
o
l
s
ll
u
p
,
t
u
p
t
u
O
d
o
o
G
r
e
w
o
P
7N
E
O
D
L.
r
o
ti
n
o
M
y
l
p
p
u
S
O
D
L
8-
S
C)
e
v
it
a
g
e
n
(
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
9+
S
C)
e
v
it
i
s
o
p
(
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
0
1H
D
N
G
Ph
c
ti
w
S
e
d
i
S
h
g
i
H
r
o
f
d
n
u
o
r
G
r
e
w
o
P
1
1H
Dt
u
p
t
u
O
r
e
v
i
r
D
e
d
i
S
h
g
i
H
2
1L
D
N
G
Ph
c
ti
w
S
e
d
i
S
w
o
L
r
o
f
d
n
u
o
r
G
r
e
w
o
P
3
1L
Dt
u
p
t
u
O
r
e
v
i
r
D
e
d
i
S
w
o
L
4
1L
T
S
Br
e
v
i
r
D
e
d
i
S
w
o
L
r
o
f
y
l
p
p
u
S
5
1H
T
S
Br
e
v
i
r
D
e
d
i
S
h
g
i
H
r
o
f
y
l
p
p
u
S
6
1N
E
)
1
(
n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
f
n
e
p
o
r
o
h
g
i
H
,
r
e
t
r
e
v
n
o
c
e
h
t
n
w
o
d
s
t
u
h
s
w
o
l
c
i
g
o
L
7
1E
S
N
E
S
O
V.
n
i
a
h
c
k
c
a
b
d
e
e
f
l
a
n
r
e
t
n
i
f
o
d
n
e
p
o
T
8
13
D
I
V
)
1
(
)
B
S
M
(
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
9
12
D
I
V
)
1
(
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
0
21
D
I
V
)
1
(
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
1
20
D
I
V
)
1
(
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
2
2V
M
5
2
D
I
V
)
1
(
)
B
S
L
(
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
3
2V
O
D
Ln
o
it
c
e
s
O
D
L
r
o
f
V
2
1
+
4
22
E
T
A
G2
O
D
L
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
1
2
3
4
5
6
7
8
GATE2
AGND
TOP VIEW
(24 Pin SOIC)
13
14
15
16
LDOV
GATE1
VID0
LDOS1
VID1
LDOS2
VID2
VCC
VID3
PWRGD
VID25MV
LDOEN
VOSENSE
CS-
9
10
22
EN
CS+
BSTH
PGNDH
21
18
17
19
20
11
12
24
BSTL
DH
DL
PGNDL
23
Note:
(1) All logic level inputs and outputs are open collector TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com