Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189SWTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1189SWTR
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189SWTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1189SWTR Datasheet HTML 1Page - Semtech Corporation SC1189SWTR Datasheet HTML 2Page - Semtech Corporation SC1189SWTR Datasheet HTML 3Page - Semtech Corporation SC1189SWTR Datasheet HTML 4Page - Semtech Corporation SC1189SWTR Datasheet HTML 5Page - Semtech Corporation SC1189SWTR Datasheet HTML 6Page - Semtech Corporation SC1189SWTR Datasheet HTML 7Page - Semtech Corporation SC1189SWTR Datasheet HTML 8Page - Semtech Corporation SC1189SWTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
A
o
t
C
C
VV
N
I
7
+
o
t
3
.
0
-V
D
N
G
A
o
t
L
D
N
G
P
,
H
D
N
G
P
1
±V
L
D
N
G
P
o
t
L
T
S
B
,
H
D
N
G
P
o
t
H
T
S
B
5
1
+
o
t
3
.
0
-V
)
2
e
t
o
N
(
L
D
N
G
P
o
t
L
D
,
H
D
N
G
P
o
t
H
D
5
1
+
o
t
1
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
0
7
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
8W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
5
2W
/
C
°
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CS+-CS-) < 60mV; LDOV = 11.4V to 12.6V; TA = 0 to 70°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
c
e
S
g
n
i
h
c
t
i
w
S
e
g
a
tl
o
V
t
u
p
t
u
OI
O
ti
u
c
ri
C
n
o
it
a
c
il
p
p
A
n
i
A
2
=
e
l
b
a
T
e
g
a
tl
o
V
t
u
p
t
u
O
e
e
S
e
g
a
tl
o
V
y
l
p
p
u
SC
C
V5
.
47
V
t
n
e
r
r
u
C
y
l
p
p
u
SV
0
.
5
=
C
C
V8
5
1A
m
n
o
it
a
l
u
g
e
R
d
a
o
LI
O
A
4
2
o
t
A
8
.
0
=1
%
n
o
it
a
l
u
g
e
R
e
n
i
L
+5
.
0%
e
g
a
tl
o
V
ti
m
i
L
t
n
e
r
r
u
C
5
50
75
8V
m
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
0
7
10
0
20
3
2z
H
k
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
ll
i
c
s
O
0
95
9%
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
k
a
e
P
,
V
5
.
4
=
H
D
-
H
T
S
BV
3
.
3
=
H
D
N
G
P
-
H
D
V
5
.
1
=
H
D
N
G
P
-
H
D
2
1
0
0
1
A
A
A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
k
a
e
P
,
V
5
.
4
=
L
D
-
L
T
S
BV
3
.
3
=
L
D
N
G
P
-
L
D
V
5
.
1
=
L
D
N
G
P
-
L
D
2
1
0
0
1
A
A
A
m
A
(
n
i
a
G
L
O )V
o
t
E
S
N
E
S
O
V
O
5
3B
d
t
n
e
r
r
u
C
e
c
r
u
o
S
D
I
Vx
D
I
V
V
4
.
21
0
1A
u
e
g
a
k
a
e
L
D
I
VV
3
.
3
=
x
D
I
V
V
0
=
x
D
I
V
0
1
±
0
0
1
µA
µA
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
d
o
o
g
r
e
w
o
P
8
82
1
1%
e
m
i
T
d
a
e
D
0
40
0
1s
n
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com