Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189SWTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1189SWTR
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189SWTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1189SWTR Datasheet HTML 4Page - Semtech Corporation SC1189SWTR Datasheet HTML 5Page - Semtech Corporation SC1189SWTR Datasheet HTML 6Page - Semtech Corporation SC1189SWTR Datasheet HTML 7Page - Semtech Corporation SC1189SWTR Datasheet HTML 8Page - Semtech Corporation SC1189SWTR Datasheet HTML 9Page - Semtech Corporation SC1189SWTR Datasheet HTML 10Page - Semtech Corporation SC1189SWTR Datasheet HTML 11Page - Semtech Corporation SC1189SWTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Layout Guidelines (Cont.)
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load currents
are supplied by Cout only, and connections between Cout
and the load must be short, wide copper areas to mini-
mize inductance and resistance.
5) The SC1189 is best placed over a quiet ground plane
area, avoid pulse currents in the Cin, Q1, Q2 loop flowing
in this area. PGNDH and PGNDL should be returned to
the ground plane close to the package. The AGND pin
should be connected to the ground side of (one of) the
output capacitor(s). If this is not possible, the AGND pin
may be connected to the ground path between the Output
Capacitor(s) and the Cin, Q1, Q2 loop. Under no circum-
stances should AGND be returned to a ground inside the
Cin, Q1, Q2 loop.
6) Vcc for the SC1189 should be supplied from the 5V
supply through a 10
Ω resistor, the Vcc pin should be
decoupled directly to AGND by a 0.1
µF ceramic capacitor,
trace lengths should be as short as possible.
7) The Current Sense resistor and the divider across it
should form as small a loop as possible, the traces run-
ning back to CS+ and CS- on the SC1189 should run par-
allel and close to each other. The 0.1
µF capacitor should
be mounted as close to the CS+ and CS- pins as possible.
8) Ideally, the grounds for the two LDO sections should be
returned to the ground side of (one of) the output
capacitor(s).
Vout
5V
+
+
Currents in Power Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com