Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP110 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments TMP110 Datasheet HTML 16Page - Texas Instruments TMP110 Datasheet HTML 17Page - Texas Instruments TMP110 Datasheet HTML 18Page - Texas Instruments TMP110 Datasheet HTML 19Page - Texas Instruments TMP110 Datasheet HTML 20Page - Texas Instruments TMP110 Datasheet HTML 21Page - Texas Instruments TMP110 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Table 7-5. Address Pin and Device Target Address
DEVICE TARGET ADDRESS1
ADD0 PIN CONNECTION
DEVICE ORDERABLE
1001000
GND
TMP113
1001001
VDD
1001010
SDA
1001011
SCL
7.5.4 Bus Transactions
7.5.4.1 Writes
To write on the I2C bus, the controller sends a START condition on the bus with the address of the target, as well
as the last bit (the R/W bit) set to 0b, which signifies a write. The target acknowledges, letting the controller know
the target is ready. After this operation, the controller starts sending the register pointer and data to the target,
and the controller terminates the transmission with a STOP condition.
Writes to read-only registers or register locations outside of the register map are ignored. The TMP113 still
performs and acknowledges when writing outside of the register map. Figure 7-7 shows an example of writing a
single word write communication.
Controller drives SDA
Target drives SDA
S
A6
A5
A4
A3
A2
A1
A0
0
A
0
0
0
0
P3
P2
P1
P0
A
D15
D14
D13
D12
D11
D10
D9
D8
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
START
R/W
ACK from Target
ACK from Target
ACK from Target
ACK from Target
STOP
Target Address
Register Pointer (N)
Data to Register N (MSB)
Data to Register N (LSB)
Figure 7-7. Write to Single Register
7.5.4.2 Reads
For a read operation the controller sends a START condition, followed by the target address with the R/W bit
set to 0b (signifying a write). The target acknowledges the write request, and the controller sends the Register
Pointer. The controller initiates a restart followed by the target address with the R/W bit set to 1b (signifying a
read). The controller continues to send out clock pulses but releases the SDA line so that the target can transmit
data. At the end of every byte of data, the controller sends an ACK to the target, letting the target know that
the controller is ready for more data. For repeated read operations from the same register (like temperature
register), resending the register pointer is not necessary. The read operation from the same register can be
repeated as many time as the controller needs when the pointer is set. Once the controller has received the
expected number of bytes, the controller sends a NACK, signaling to the target to halt communications and
release the SDA line. The controller follows this up with a STOP condition. Reading from a non-indexed register
location returns 00h. Figure 7-8 shows an example of reading a single word from a target register. Note that after
resetting, the pointer is set to zero and the temperature register must be addressed.
1 Additional address options can be available on request
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com