Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP110 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 16Page - Texas Instruments TMP110 Datasheet HTML 17Page - Texas Instruments TMP110 Datasheet HTML 18Page - Texas Instruments TMP110 Datasheet HTML 19Page - Texas Instruments TMP110 Datasheet HTML 20Page - Texas Instruments TMP110 Datasheet HTML 21Page - Texas Instruments TMP110 Datasheet HTML 22Page - Texas Instruments TMP110 Datasheet HTML 23Page - Texas Instruments TMP110 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
address byte indicates if the alert condition is caused by the temperature exceeding THigh_Limit or falling below
the TLow_Limit. The value of the eight bit follows the Polarity bit setting.
Controller drives SDA
Target drives SDA
S
0
0
0
1
1
0
0
1
A
A6
A5
A4
A3
A2
A1
A0
S
NA
P
START
ACK from Target
NACK from Controller
STOP
SMBus Alert Func on
Target Address from Device
Alert Status
ALERT
Figure 7-10. SMBus Alert Response
If multiple devices on the bus respond to the SMBus alert command, arbitration during the device address
portion of the SMBus alert command determines which devices the ALERT pin is activated. The device with the
lowest address wins the arbitration. On winning the arbitration, the TMP113 inactivates the ALERT pin and/or
clears the status bit. To prevent the device with lowest I2C address in continuous conversion mode sees the alert
line and halt others with higher I2C address to report the alert, the controller has to temporarily disable the Alert
mode in device with smallest I2C address until all alerts in the system are cleared.
7.5.4.5 Time-Out Function
The TMP113 resets the serial interface if the SCL line is held low by the controller or the SDA line is held low
by the TMP113 for 30ms (typical) between a START and STOP condition. The TMP113 releases the SDA line
if the SCL pin is pulled low and waits for a START condition from the controller. To avoid activating the timeout
function, maintain a communication speed of at least 1kHz for the SCL operating frequency. If another device on
the bus is holding the SDA pin low, the TMP113 does not reset.
7.5.4.6 Coexist on I3C Mixed Bus
A bus with both I3C and I2C interfaces is referred to as a mixed bus with clock speeds up to 12.5MHz. The
TMP113 is an I2C device that can be on the same bus that has an I3C device attached, as the TMP113
incorporates a spike suppression filter of 50ns on the SDA and SCL pins to avoid any interference to the bus
when communicating with I3C devices.
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com