Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP110 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 19Page - Texas Instruments TMP110 Datasheet HTML 20Page - Texas Instruments TMP110 Datasheet HTML 21Page - Texas Instruments TMP110 Datasheet HTML 22Page - Texas Instruments TMP110 Datasheet HTML 23Page - Texas Instruments TMP110 Datasheet HTML 24Page - Texas Instruments TMP110 Datasheet HTML 25Page - Texas Instruments TMP110 Datasheet HTML 26Page - Texas Instruments TMP110 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8.2 Configuration Register (address = 01h) [reset = 40A0h]
This register is used to configure the operation of the TMP113 and also provides the alert status.
Return to Register Map.
Table 8-5. Configuration Register
15
14
13
12
11
10
9
8
One_Shot
Reserved
Fault[1:0]
Polarity
Alert_Mode
Shutdown
R/W-0b
R-11b
R/W-00b
R/W-0b
R/W-0b
R/W-0b
7
6
5
4
3
2
1
0
Conversion_Rate[1:0]
Alert Flag
Reserved
R/W-10b
R-1b
R-00000b
Table 8-6. Configuration Register Field Description
Bit
Field
Type
Reset
Description
15
One_Shot
R/W
0b
One-shot conversion trigger applicable in shutdown mode only.
In continuous conversion mode the bit reads 0b. In shutdown
mode the bit reads 1b, then after the conversion is finished the
bit reads 0b. Triggering a one-shot conversion happens only
when the device is in shutdown mode.
0b = Active conversion ongoing
1b = Trigger a one-shot conversion or active conversion
complete
14:13
Reserved
R
10b
Reserved
12:11
Fault[1:0]
R/W
00b
Fault bits are used to set the number of consecutive conversions
for which the alert condition exists before the ALERT pin is
asserted and status bit is set.
00b = 1 fault
01b = 2 faults
10b = 4 faults
11b = 6 faults
10
Polarity
R/W
0b
The polarity bit allows the host to adjust the polarity of the
ALERT pin/flag output.
0b = ALERT pin/flag output is active low
1b = ALERT pin/flag output is active high
9
Alert_Mode
R/W
0b
The alert mode bit indicates the how the temperature limits
operate.
0b = Comparator mode
1b = Alert mode
8
Shutdown
R/W
0b
The shutdown bit is used to change the device conversion
mode.
0b = Continuous conversion mode
1b = Shutdown mode
7:6
Conversion_Rate[1:0]
R/W
10b
The conversion rate bits configure the device conversion period.
The default is conversion every 250ms.
00b = 4s / 0.25Hz
01b = 1s / 1Hz
10b = 0.25s / 4Hz
11b = 0.125s / 8Hz
5
Alert flag
R
1b
The alert bit is a read-only bit which provides the information
about the alert status in comparator mode and is affected by
Alert_Mode setting. The polarity bit affects the alert flag.
4:0
Reserved
R
00000b
Reserved
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com