Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02PNR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF02PNR
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02PNR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF02PNR Datasheet HTML 2Page - STMicroelectronics STCF02PNR Datasheet HTML 3Page - STMicroelectronics STCF02PNR Datasheet HTML 4Page - STMicroelectronics STCF02PNR Datasheet HTML 5Page - STMicroelectronics STCF02PNR Datasheet HTML 6Page - STMicroelectronics STCF02PNR Datasheet HTML 7Page - STMicroelectronics STCF02PNR Datasheet HTML 8Page - STMicroelectronics STCF02PNR Datasheet HTML 9Page - STMicroelectronics STCF02PNR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Maximum ratings
STCF02
6/19
3
Maximum ratings
Table 3.
Absolute maximum ratings
Table 4.
Thermal data
(*) Typical Application on a two layer board.
Symbol
Parameter
Value
Unit
VBAT
Signal supply voltage
-0.3 to 6
V
PVBAT
Power supply voltage
-0.3 to 6
V
EN1,2,3
Enable input
-0.3 to 6
V
VO
Output voltage
-0.3 to 6
V
VLX1A-VLX1B Inductor connection 1
-0.3 to VI + 0.3
V
VLX2
Inductor connection 2
-0.3 to VO + 0.3
V
FB1
Feedback for torch current
-0.3 to 3
V
FB2
Feedback for flash current
-0.3 to 3
V
RTBY
MOS Switch connection
-0.3 to 3
V
RX
Connection for reference resistor
-0.3 to 3
V
RMFL
Connection for setting resistor for middle flash
-0.3 to 6
V
NTC
LED temperature sensing connection
-0.3 to 6
V
COM1,COM2 Compensation connection
-0.3 to 3
V
TOP
Ambient operating temperature (1)
1.
STCF02 is guaranteed to meet specification from 0°C to 70°C – specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with statistical process control.
-40 to + 85
°C
TSTG
Storage temperature range
-65 to + 150
°C
VESD
ESD rating
2
KV
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (*)
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com