Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02PNR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCF02PNR
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02PNR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCF02PNR Datasheet HTML 11Page - STMicroelectronics STCF02PNR Datasheet HTML 12Page - STMicroelectronics STCF02PNR Datasheet HTML 13Page - STMicroelectronics STCF02PNR Datasheet HTML 14Page - STMicroelectronics STCF02PNR Datasheet HTML 15Page - STMicroelectronics STCF02PNR Datasheet HTML 16Page - STMicroelectronics STCF02PNR Datasheet HTML 17Page - STMicroelectronics STCF02PNR Datasheet HTML 18Page - STMicroelectronics STCF02PNR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STCF02
18/19
8
Revision history
Table 7.
Revision history
Date
Revision
Changes
10-Nov-2005
1
First release.
19-Dec-2005
2
Document updating.
29-Jun-2006
3
The table 5 has been updated and add typical characteristics.
27-Jul-2006
4
Mistake on table 5 figure reference TFL/TR parameter.
18-Oct-2006
5
Text updates.
09-Feb-2007
6
Mistake value of IO test condition RMFLASH_MAX = 500Ω ==> 500kΩ on Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com