Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02PNR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCF02PNR
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02PNR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCF02PNR Datasheet HTML 10Page - STMicroelectronics STCF02PNR Datasheet HTML 11Page - STMicroelectronics STCF02PNR Datasheet HTML 12Page - STMicroelectronics STCF02PNR Datasheet HTML 13Page - STMicroelectronics STCF02PNR Datasheet HTML 14Page - STMicroelectronics STCF02PNR Datasheet HTML 15Page - STMicroelectronics STCF02PNR Datasheet HTML 16Page - STMicroelectronics STCF02PNR Datasheet HTML 17Page - STMicroelectronics STCF02PNR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Detailed operating description
STCF02
14/19
6.7
Soft start
To avoid spikes the battery during start-up sequence, a soft start function has been implemented. This
soft start is achieved by progressively increasing the feedback voltage reference. In the worst case
scenario the start up time as defined below (IO = IMAX) will not exceed 6ms.
Figure 13. Start up - LED current rise time
6.8
LED Failure Protection
The device is self protected when the LED fails as a result of a short or open circuit. Such performances
are tested using a standard mobile phone Lithium battery with internal resistance 170m
Ω typ.
6.9
Overvoltage protection
The device includes a power switch protection that stops the operation of the PWM controller when the
voltage at the pin VO exceeds the OVP threshold.
6.10
Thermal shutdown protection
Internal thermal shutdown protection will switch off the device when the junction temperature exceeds
140°C typical. The hysteresis comparator allows for the automatic restart of the PWM controller, when the
temperature is reduced by 20°C.
6.11
Sensing of LED temperature by NTC resistor
The device is able to switch off the power circuit, if high temperature on the LED is detected (see
Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com