Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480ITSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1480ITSTRT
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1480ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
Applications Information (Cont.)
a scaling resistor between LX and ILIM is required. This
resistor, R
ILIM, is connected to a 10µA current source
within the SC1480 through the ILIM pin. This sets a volt-
age drop equal to 10µA times R
ILIM. As the current in-
creases through the lower MOSFET, the phase pin volt-
age will decrease until the offset voltage caused by R
ILIM
is reached and ILIM < PGND. At this point an overcurrent
trip signal is issued. Current limiting will prevent the firing
of a DH on-pulse, thereby reducing the switching fre-
quency. As the frequency decreases, the output voltage
will drop until an under-voltage shutdown is reached.
The current sensing circuit actually limits the inductor
valley current (see Figure 2). This means that if the cur-
rent limit is set to 10A, the peak current through the
inductor would be 10A plus the peak ripple current, and
the average current through the inductor would be 10A
plus 1/2 the peak-to-peak ripple current. The equations
for setting the valley current and calculating the average
current through the inductor are shown below:
()
ON
ILIM
OC
RDS
R
A
10
Valley
IL
•
µ
=
()
(
)
2
I
Valley
IL
Average
IL
L
OC
OC
∆
+
=
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point
FIGURE 2
SC1480
+5V
L1
C2
8
9
10
11
12
13
14
PGND
DL
VDDP
ILIM
LX
DH
BST
D1
Q1
+
C1
Q2
VOUT
FBK
D2
+VIN
+
C3
R1
FIGURE 3
Schematic of RDS
ON sensing circuit is shown in Figure 3
with RDS
ON of Q2.
Similarly, for resistor sensing, the current through the
lower MOSFET and the source sense resistor develops a
voltage that opposes the voltage developed across R
ILIM.
When the voltage developed across the R
SENSE resistor
reaches voltage drop across R
ILIM, an overcurrent will be
issued. The overcurrent equation when using an exter-
nal sense resistor is:
()
SENSE
ILIM
OC
R
R
A
10
Valley
IL
•
µ
=
Schematic of resistor sensing circuit is shown in Figure 4
with R
ILIM = R1 and RSENSE = R2.
+
C1
+5V
SC1480
8
9
10
11
12
13
14
PGND
DL
VDDP
ILIM
LX
DH
BST
+VIN
R1
Q2
C2
D1
R2
Q1
VOUT
+
C3
D2
FBK
L1
FIGURE 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com