Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480ITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1480ITSTRT
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1480ITSTRT Datasheet HTML 1Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
www.semtech.com
SC1480
DDR Memory
Power Supply Controller
POWER MANAGEMENT
Revision: August 30, 2006
Description
Features
Applications
Typical Application Circuit
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
Constant on-time for fast dynamic response
Programmable VOUT based on external reference
VIN range = 1.8V – 25V
DC current sense using low-side RDS(ON) sensing
or sense resistor
3mA reference output buffer
Low power S3 state
Resistor programmable frequency
Cycle-by-cycle current limit
Digital soft start
Output current source-sink capability
Overvoltage/under-voltage fault protection and
PGOOD output
Under 10uA typical shutdown current
Low quiescent power dissipation
14-Pin TSSOP package. Also available in Lead-free
package which is fully WEEE and RoHS compliant
Industrial temperature range
Integrated gate drivers with soft switching
Efficiency >90%
The SC1480 is a single output, constant on-time
synchronous-buck, pseudo-fixed frequency, PWM
controller intended for use in notebook computers and
other battery operated portable devices. Features
include high efficiency and fast dynamic response with
no minimum on time, a reference input and a buffered
REFOUT pin capable of sourcing 3mA. The excellent
transient response means that SC1480 based solutions
will require less output capacitance than competing fixed
frequency converters.
The frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in output
or input voltage. After the transient event, the controller
frequency will return to steady state operation.
The SC1480 incorporates two power-reducing states,
standby and shutdown. In standby mode, the switcher
output is shutdown but the buffered reference output
stays up, reducing quiescent current to a low 125µA. This
is particularly useful for reducing battery draw in systems
which implement a suspend-to-RAM (S3) state. The
SC1480 can be completely shut down, drawing less than
10µA.
The integrated gate drivers feature adaptive shoot-
through protection and soft switching. Additional features
include cycle-by-cycle current limit, digital soft-start,
overvoltage and under-voltage protection, and a PGOOD
output.
R7
C9
C10
4.5V - 25V
+ C6
PGOOD
+5VSB
VDD = 2.5V
R2
R4
C4
L1
R1
1.25VOUT
C5
C2
R5
C3
U1
SC1480
1
2
3
4
5
6
7
8
9
10
11
12
13
14
REFIN
TON
REFOUT
VCCA
FBK
PGOOD
GND
PGND
DL
VDDP
ILIM
LX
DH
BST
C1
+5V
D1
Q2
C7
R6
D2
Q1
C8
R3
REFOUT
+5VRUN


Similar Part No. - SC1480ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
SC1480AEVB SEMTECH-SC1480AEVB Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
SC1480AITSTRT SEMTECH-SC1480AITSTRT Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
More results

Similar Description - SC1480ITSTRT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1809 MAXIM-MAX1809 Datasheet
803Kb / 17P
3A, 1MHz, DDR Memory Termination Supply
19-2142; Rev 1; 9/02
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com