Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1480ITSTRT
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1480ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 17Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 18Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 19Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
Evaluation Board Schematic
R11
0
TP3
5VRUN
R1
750
+5V
C2
10uF/6.3V
VOUT_TP
C1
10uF/6.3V
J2
VIN
1
2
TP8
RGND
C7
1uF
L1
4uH
D1
ZHCS400
C5
10uF/25V
TP6
RGND
R7
10K
1.25V
C15
1uF
U1
SC431L
SP2
Q1
Si4884
4
TP1
+5V
R5
1M
R3
12.4K
R10
NO_POP
TP5
REFI
TP2
GND
R2
100
Q2
Si4884
4
TP9
PGD
R8
NO_POP
+5V
R4
10
C8
0.1uF
+ C11
150uF
U2
SC1480
1
2
3
4
5
6
7
8
9
10
11
12
13
14
REFIN
TON
REFOUT
VCCA
FBK
PGOOD
GND
PGND
DL
VDDP
ILIM
LX
DH
BST
TP4
GND
1.25V
D2
MBRS140T3
SP1
C9
1uF
R6
1M
R9
0
PHASE_TP
C14
1000pF
+ C10
150uF
C4
10uF/25V
C13
1uF
J1
5VRUN
TP7
REFO
C6
0.1uF
C16
NO_POP
C3
1uF
J3
VOUT
1
2
C12
10uF/6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com