Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1408 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1408
Description  Low Voltage, Boost DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1408 Datasheet HTML 1Page - Semtech Corporation SC1408 Datasheet HTML 2Page - Semtech Corporation SC1408 Datasheet HTML 3Page - Semtech Corporation SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1408
Block Diagram
VDD
TRIG
Q
TRIG
Q
R
S
Q
+
-
+
-
+
-
FB
50mV
+
-
ISENSE
0.1V
BST
2.5V
GATE
SHDN
AGND
REF
GND
1.20V
REFERENCE
LOW
VOLTAGE
OSCILLATOR
MIN OFF TIME
ONE SHOT
2.3uS
MAX ON TIME
ONE SHOT
16uS
BIAS
CURRENT
SENSE AMP
ERROR
COMP
MODE
DETECT
START
UP
COMP
Pin Configuration
Ordering Information
Pin Descriptions
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
)
1
(
T
(
e
g
n
a
R
p
m
e
T
A)
R
T
.
S
I
8
0
4
1
C
S
8
-
O
S
C
°
5
8
+
o
t
°
0
4
-
T
R
T
S
I
8
0
4
1
C
S
)
2
(
R
T
.
S
M
I
8
0
4
1
C
S
8
-
P
O
S
M
)
3
(
T
R
T
S
M
I
8
0
4
1
C
S
)
2
(
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
(3) Contact factory for MSOP availability
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1E
T
A
G.t
u
p
t
u
o
e
v
ir
d
e
t
a
G
2T
S
B.
e
g
a
tl
o
v
y
l
p
p
u
S
3B
Fk
c
a
b
d
e
e
f
e
g
a
tl
o
V
4N
D
H
S.r
e
t
r
e
v
n
o
c
e
h
t
n
w
o
d
s
t
u
h
s
h
g
i
h
c
i
g
o
L
5F
E
R.
n
i
p
t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
6D
N
G
A.
d
n
u
o
r
g
l
a
ti
g
i
d
d
n
a
g
o
l
a
n
a
l
a
n
g
i
s
ll
a
m
S
7D
N
G.
d
n
u
o
r
g
r
e
w
o
P
8E
S
N
E
S
I.
n
i
p
e
s
n
e
s
t
n
e
r
r
u
C
1
2
3
4
ISENSE
GATE
TOP VIEW
(SO-8/MSOP-8)
5
6
7
8
GND
BST
AGND
FB
REF
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com