Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1408 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1408
Description  Low Voltage, Boost DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1408 Datasheet HTML 3Page - Semtech Corporation SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation SC1408 Datasheet HTML 10Page - Semtech Corporation SC1408 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1408
Typical Characteristics
Figs.5 - 8: Maximum output current vs. input voltage and sense resistor value. (Boost Mode)
Figs.9-11:Efficiency in the Boost Application circuit of Fig.1
Vo=5V
60%
70%
80%
90%
100%
1
10
100
1000
Io (mA)
Vin=5.0V
Vin=4.0V
Vin=3.3V
Vin=3.0V
Vo=12V
60%
70%
80%
90%
100%
1
10
100
1000
Io (mA)
Vin=5.0V
Vin=3.0V
Vin=1.8V
Vo=15V
60%
70%
80%
90%
100%
1
10
100
1000
Io (mA)
Vin=12V
Vin=9.0V
Vin=5.0V
Vin=3.0V
Vin=1.8V
Vo=3.3V
100mOhm
50mOhm
35mOhm
25mOhm
20mOhm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Vin (V)
L=22uH
Vo=5V
100mOhm
50mOhm
35mOhm
25mOhm
20mOhm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
L=22uH
Vo=12V
100mOhm
50mOhm
35mOhm
25mOhm
20mOhm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
4.0
6.0
8.0
10.0
12.0
Vin (V)
L=22uH
Vo=15V
100mOhm
50mOhm
35mOhm
25mOhm
20mOhm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Vin (V)
L=22uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com