Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1408 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1408
Description  Low Voltage, Boost DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1408 Datasheet HTML 1Page - Semtech Corporation SC1408 Datasheet HTML 2Page - Semtech Corporation SC1408 Datasheet HTML 3Page - Semtech Corporation SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1408
Low Voltage, Boost
DC-DC Controller
Features
Applications
Revision: November 23, 2005
Typical Application Circuit
Description
The SC1408 is a low voltage boost controller that
operates from a 1.8V to 16.5V input range. The SC1408
was designed for two cell Alkaline or single cell Lithium
Ion
battery
applications.
With
the
proper
external components it can be used as a boost converter
or a buck/boost converter. A Shutdown pin allows the
user to turn the controller off, reducing supply current to
less than 2µA typical. Output voltage can be preset to 5V
or is adjustable from 3V to 16.5V with a resistor divider.
The controller changes frequency in light load conditions
to improve efficiency.
1.8V to 16.5V input range
Preset (5V) or adjustable output
Ground referenced current limit
On chip precision reference
Up to 300kHz switching frequency
10µA max shutdown current
Industrial temperature range
SO-8 and MSOP-8 packages. Lead free packages
available are fully WEEE and RoHS compliant
PDA Power supplies
Battery powered applications
Positive LCD Bias generator
Portable communications (cellular phones)
Peripheral card supplies
Industrial power supplies
Vin (1.8V to 16.5V)
Vout (3V to 16.5V)
U1
SC1408
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
SHDN
REF
AGND
GND
L1
R2
Q1
D1
+
C1
R4
R3
+
C2
C3


Similar Part No. - SC1408

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1408 SEMTECH-SC1408 Datasheet
157Kb / 12P
LOW VOLTAGE, BOOST DC-DC CONTROLLER
SC1408IMS.TR SEMTECH-SC1408IMS.TR Datasheet
157Kb / 12P
LOW VOLTAGE, BOOST DC-DC CONTROLLER
SC1408IS.TR SEMTECH-SC1408IS.TR Datasheet
157Kb / 12P
LOW VOLTAGE, BOOST DC-DC CONTROLLER
More results

Similar Description - SC1408

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1408 SEMTECH-SC1408 Datasheet
157Kb / 12P
LOW VOLTAGE, BOOST DC-DC CONTROLLER
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Rohm
BD9615MUV-LB ROHM-BD9615MUV-LB Datasheet
2Mb / 33P
1ch Boost DC/DC Controller
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM5309 HMSEMI-HM5309 Datasheet
468Kb / 9P
PFM boost DC-DC controller
logo
QX Micro Devices Co.,Lt...
QX2305 QXMD-QX2305 Datasheet
523Kb / 2P
PFM boost DC-DC controller
logo
Lowpower Semiconductor ...
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com