Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4911IMSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4911IMSTR
Description  Bias/Primary Side PWM Controller with Ultra Low Start-up Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4911IMSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4911IMSTR Datasheet HTML 4Page - Semtech Corporation SC4911IMSTR Datasheet HTML 5Page - Semtech Corporation SC4911IMSTR Datasheet HTML 6Page - Semtech Corporation SC4911IMSTR Datasheet HTML 7Page - Semtech Corporation SC4911IMSTR Datasheet HTML 8Page - Semtech Corporation SC4911IMSTR Datasheet HTML 9Page - Semtech Corporation SC4911IMSTR Datasheet HTML 10Page - Semtech Corporation SC4911IMSTR Datasheet HTML 11Page - Semtech Corporation SC4911IMSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4911
POWER MANAGEMENT
Typical Applications (Cont.)
Isolated feedback 48V to 12V application
Figure 3 gives an example of isolated feedback and low
power flyback application of the SC4911. T1 is a three
winding transformer. The winding 1-2 is a bias winding
which supplies the primary circuitry after the SC4911
starts up. During the startup, the input source trickle
charges the capacitor C1 through the start-up resistor
R1. As long as voltage across C1 reaches the Vcc turn-
on threshold, the SC4911 turns on abruptly and start
driving the gate of MOSFET Q1. As Q1 starts switching,
regenerative feedback from the bias winding will provide
current via D1 to capacitor C1.
In this configuration, the input voltage is in the range of
36V to 72V for telecom applications, and the LUVLO pin
monitors the input voltage via resistor R2 and R5 to
determine turn-on and turn-off of the converter. Capacitor
C5 helps filter out the noise from the input line.
Timing resistor R13 sets switching frequency. R3 and
C6 are used to suppress the voltage spikes across the
switch due to leakage inductance of T1. R11 is current
sense resistor to set current limit of the convertor. R10
and C9 filter spikes caused by parasitic capacitance
during the turning on of Q1. The U3 SC431 is shunt
regulator integrating an accurate 2.5V bandgap
reference, op amp and driver into a single device. It
compares sensed output voltage divided by R7 and R9
to its internal reference and drives the amplified error
signal to opto-coupler U1. C7 keeps ripple and noise
from over driving the device. U1 delivers the isolated
feedback signal to the SC4911. C8 and R12 are for
compensation. An additional small capacitor could be
used from COMP to GND if needed.
D2 1N5819
C2
100uF
D1 1N5819
C5
100pF
Q1
Si2320DS
R12
4.7K
R7
10K
C7
220pF
R2
2.7MEG
R10
51
R5
100K
R9
10K
C1
10uF
NEC2501
U1
C9
1000pF
Vin = 48V
C8
47nF
R4
330
C4
0.1uF
R11
1.00
R13
100K
R3
68
R1
100K
Vo = 5V
C3
10uF
U3
SC431
C6
150pF
R6
1K
R8
1K
U2 SC4911
1
2
3
4
5
6
7
8
LUVLO
RT
FB
COMP
ILIM
GND
OUT
VCC
T1
3
5
8
10
2
1
Figure 3. Isolated 48V to 12V Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com