Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4911IMSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4911IMSTR
Description  Bias/Primary Side PWM Controller with Ultra Low Start-up Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4911IMSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC4911IMSTR Datasheet HTML 1Page - Semtech Corporation SC4911IMSTR Datasheet HTML 2Page - Semtech Corporation SC4911IMSTR Datasheet HTML 3Page - Semtech Corporation SC4911IMSTR Datasheet HTML 4Page - Semtech Corporation SC4911IMSTR Datasheet HTML 5Page - Semtech Corporation SC4911IMSTR Datasheet HTML 6Page - Semtech Corporation SC4911IMSTR Datasheet HTML 7Page - Semtech Corporation SC4911IMSTR Datasheet HTML 8Page - Semtech Corporation SC4911IMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.semtech.com
SC4911
Bias/Primary Side PWM Controller
with Ultra Low Start-up Current
POWER MANAGEMENT
Revision: April 5, 2006
Description
Features
Applications
Typical Application Circuit
Programmable switching frequency up to 500kHz
Line UVLO Protection
Undervoltage Lockout
Low startup current (45µA)
Cycle by cycle current limit
8 pin MSOP. Available in Lead-free, fully WEEE and
RoHS compliant
The SC4911 is a highly integrated bias/primary side PWM
controller designed for off-line or isolated dc-dc convert-
ers in telecommunication and data communication ap-
plications. The high degree of integration minimizes the
amount of discrete parts needed and leads to substan-
tial cost and space saving converter designs.
The circuitry of the SC4911 includes line voltage UVLO
featuring startup current less than 50µA and program-
mable switching frequency. The device supply is derived
from an auxiliary winding on the transformer. The auxil-
iary winding could also provide output feedback informa-
tion if an optocoupler is not used.
Vout
R5
R9
C3
R1
R7
C6
D2
C2
D1
U1 SC4911
3
4
5
7
FB
COMP
ILIM
OUT
C4
R4
Vin
C7
C1
R8
R2
Q1
R6
T1
C8
R3
C5
Telecom isolated converters
Offline isolated power supplies
Instrumentation power supplies
Battery chargers


Similar Part No. - SC4911IMSTR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC4911 FAIRVIEW-SC4911 Datasheet
509Kb / 3P
7/16 DIN Female Connector Solder Cup Terminal Solder Attachment 4 Hole Flange
REV 2.0
More results

Similar Description - SC4911IMSTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com