Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4911IMSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4911IMSTR
Description  Bias/Primary Side PWM Controller with Ultra Low Start-up Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4911IMSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC4911IMSTR Datasheet HTML 1Page - Semtech Corporation SC4911IMSTR Datasheet HTML 2Page - Semtech Corporation SC4911IMSTR Datasheet HTML 3Page - Semtech Corporation SC4911IMSTR Datasheet HTML 4Page - Semtech Corporation SC4911IMSTR Datasheet HTML 5Page - Semtech Corporation SC4911IMSTR Datasheet HTML 6Page - Semtech Corporation SC4911IMSTR Datasheet HTML 7Page - Semtech Corporation SC4911IMSTR Datasheet HTML 8Page - Semtech Corporation SC4911IMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC4911
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
o
t
a
ll
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
FR
T
k
0
0
2
=
0
0
1
z
H
k
R
T
k
3
4
=
0
0
5
y
c
n
e
u
q
e
r
F
0
7
10
0
20
3
2z
H
k
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
7
55
62
7%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
MV
B
F
V
3
=0
%
t
i
m
i
L
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
C
0
0
55
2
50
5
5V
m
e
t
a
G
o
t
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
0
7S
n
t
u
p
t
u
O
e
t
a
t
S
w
o
L
e
g
a
tl
o
V
t
u
p
t
u
OA
m
5
k
n
i
S1
.
05
.
0V
e
t
a
t
S
h
g
i
H
e
g
a
tl
o
V
t
u
p
t
u
OA
m
5
e
c
r
u
o
S5
.
92
.
0
1V
e
m
i
T
e
s
i
RC
T
U
O
F
p
0
0
1
=5
2S
n
e
m
i
T
ll
a
FC
T
U
O
F
p
0
0
1
=0
1S
n
Unless specified: T
A = T
J
= -40°C to +125°C, V
CC = 12V, R
T
= 100K
Ω, V
FB = 2.4V, LUVLO = 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com