Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601IMSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4601IMSTR
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601IMSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC4601IMSTR Datasheet HTML 1Page - Semtech Corporation SC4601IMSTR Datasheet HTML 2Page - Semtech Corporation SC4601IMSTR Datasheet HTML 3Page - Semtech Corporation SC4601IMSTR Datasheet HTML 4Page - Semtech Corporation SC4601IMSTR Datasheet HTML 5Page - Semtech Corporation SC4601IMSTR Datasheet HTML 6Page - Semtech Corporation SC4601IMSTR Datasheet HTML 7Page - Semtech Corporation SC4601IMSTR Datasheet HTML 8Page - Semtech Corporation SC4601IMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.semtech.com
SC4601
Low Input, High Efficiency
Synchronous, Step Down Controller
POWER MANAGEMENT
Revision: February 22, 2006
Description
Features
Applications
Typical Application Circuit
Programmable switching frequency up to 600KHz
BICMOS voltage mode PWM controller
2.75V to 5.5V Input voltage range
Output voltage as low as 0.8V
+/-1% Reference accuracy
Sleep mode (Icc = 10µA typ)
Lossless adjustable overcurrent protection
Combination pulse by pulse & hiccup mode
current limit
High efficiency synchronous switching
Up to 100% Duty cycle range
Synchronization to external clock
10-Pin MSOP surface mount package. Available in
Lead-free package, fully WEEE and RoHS compliant
Distributed power architecture
Servers/workstations
Local microprocessor core power supplies
DSP and I/O power supplies
Battery powered applications
Telecommunication equipment
Data processing applications
The SC4601 is a voltage mode step down (buck) regula-
tor controller that provides accurate high efficiency power
conversion from input supply range 2.75V to 5.5V. A high
level of integration reduces external component count
and makes it suitable for low voltage applications where
cost, size and efficiency are critical.
The SC4601 drives external complementary power
MOSFETs; P-channel on the high side and N-channel on
the low side. The use of high side P-channel MOSFETs
eliminates the need for an external charge pump and
simplifies the high side gate driver. Non-overlap protec-
tion is provided for the gate drive signals to prevent shoot
through of the MOSFET pair. The voltage drop across the
P-channel MOSFET during its conduction is sensed for
lossless short circuit current limiting.
A low power sleep mode can be achieved by forcing the
SYNC/SLEEP pin below 0.8V. A synchronous mode of op-
eration is activated as the SYNC/SLEEP pin is driven by
an external clock. The quiescent supply current in sleep
mode is typically lower than 10µA. A 2.4ms soft start is
internally provided to prevent output voltage overshoot
during start-up. A 100% maximum duty cycle allows the
SC4601 to operate as a low dropout regulator in the
event of a low battery condition. Its switching frequency
can be programmed up to 600KHz.
The SC4601 is an ideal choice for 3.3V, 5V or other low
input supply systems. It’s available in 10 pin MSOP
package.
VCC
1
SYNC
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
U1
SC4601
R15
1
C3
4.7u
C7
150u
C14
33n
R6
1.0
R5
1.0
R9
5.11k
Vout = 1.5V (as low as 0.5V * ) /6A
M2
C10
22u
C11
22u
C12
22u
Vin = 2.75V ~ 5.5V
C13
22u
C4
22u
RT
30.1K
C1
470p
C2
6.8n
R1
5.11K
R3
L1
1.6u
C9
3.9n
R8
147
M1
R7
4.53k
* External components can be modified to provide a V
OUT as low as 0.8V.


Similar Part No. - SC4601IMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AEVB SEMTECH-SC4602AEVB Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AIMSTR SEMTECH-SC4602AIMSTR Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AIMSTRT SEMTECH-SC4602AIMSTRT Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602BEVB SEMTECH-SC4602BEVB Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results

Similar Description - SC4601IMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
Low Input, High Efficiency Synchronous, Step Down Controller
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
High Efficiency, Synchronous Step-Down Controller
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com