Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601IMSTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4601IMSTR
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601IMSTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4601IMSTR Datasheet HTML 8Page - Semtech Corporation SC4601IMSTR Datasheet HTML 9Page - Semtech Corporation SC4601IMSTR Datasheet HTML 10Page - Semtech Corporation SC4601IMSTR Datasheet HTML 11Page - Semtech Corporation SC4601IMSTR Datasheet HTML 12Page - Semtech Corporation SC4601IMSTR Datasheet HTML 13Page - Semtech Corporation SC4601IMSTR Datasheet HTML 14Page - Semtech Corporation SC4601IMSTR Datasheet HTML 15Page - Semtech Corporation SC4601IMSTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
Applications Information - (Cont.)
After the compensation, the converter will have the
following loop gain:
LC
s
R
L
s
1
C
R
1
s
1
s
1
s
1
s
1
s
1
s
V
V
1
)
s
(
G
)
s
(
G
G
)
s
(
T
2
4
C
2
P
2
Z
1
P
1
Z
I
I
M
VD
COMP
PWM
+
+
⋅
+
⋅
ω
+
⋅
ω
+
⋅
ω
+
ω
+
⋅
⋅
ω
⋅
=
⋅
⋅
=
Where:
G
PWM = PWM gain and
V
M = 1.5V, ramp peak to valley voltage of SC4601.
The design guidelines for the SC4601 applications are
as following:
1. Set the loop gain crossover corner frequency
ω
C for given switching corner frequency
ω
S =2 πfs,
2. Place an integrator at the origin to increase DC
and low frequency gains.
3. Select
ω
Z1 and ωZ2 such that they are placed
near
ω
O to damp the peaking and the loop gain
has a -20dB/dec rate to go across the 0dB
line for obtaining a wide bandwidth.
4. Cancel the zero from C
4’s ESR by a compensa-
tor pole
ω
P1 (ωP1 = ωESR = 1/( RCC4)),
5. Place a high frequency compensator pole
ωp
2
(
ωp
2 = πfs) to get the maximum attenuation of
the switching ripple and high frequency noise
with the adequate phase lag at
ω
C.
The compensated loop gain will be as given in Figure 4:
-20dB/dec
0dB
Gd
T
ωZ1
ωZ2
p1
p2
c
ESR
ωo
ω
ω
ω
ω
Loop gain T(s)
Power stage GVD(s)
-40dB/dec
Figure 4. Asymptotic diagrams of power stage and its
loop gain.
Synchronous & Multi-phase Operation
The SC4601 has a SYNC/SLEEP pin, which can be used
to synchronize the controller to a faster external clock.
The SC4601 can be also used in conjunction with
Semtech’s multi-phase link (SC4201), to synchronize and
multi-phase several controllers. Feeding outputs A/B/C/
D of SC4201 to the SYNC inputs of several SC46xx con-
trollers, it is easy to displace the controllers by 2, 3 or 4
phases. Additionally the SC4201 can be synchronized to
an external clock so that everything runs under one fre-
quency. This synchronizing operation avoids frequency
beating among different controllers, simplifies noise fil-
tering. This multi-phasing control displaces the control-
lers by 90o/120o/180o degrees, and simplifies tremen-
dously the input filtering requirements for the system.
Figure 5 shows one possible application.
Figure 5. Breakthrough, innovative solution to meet the
next generation of networking and industrial power re-
quirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com