Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601IMSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4601IMSTR
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601IMSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4601IMSTR Datasheet HTML 10Page - Semtech Corporation SC4601IMSTR Datasheet HTML 11Page - Semtech Corporation SC4601IMSTR Datasheet HTML 12Page - Semtech Corporation SC4601IMSTR Datasheet HTML 13Page - Semtech Corporation SC4601IMSTR Datasheet HTML 14Page - Semtech Corporation SC4601IMSTR Datasheet HTML 15Page - Semtech Corporation SC4601IMSTR Datasheet HTML 16Page - Semtech Corporation SC4601IMSTR Datasheet HTML 17Page - Semtech Corporation SC4601IMSTR Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
Applications Information - (Cont.)
Design Example 2: 5V to 0.8V ~ 1.8V @ 0.4A ~ 1.8A Xenpak application with SC4601.
Figure 7. Schematic for Xenpak application with SC4601
U1
S C 4601
VCC
1
SYNC/SLEEP
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
R15 1
U2
FDS8928A
Gn
2
Gp
4
Dn1
5
Dn2
6
Dp1
7
Dp2
8
C3
4.7u
C7
150u
C14
33n
R6
1.0
R5
1.0
R16
750
R9
C10
10u
C11
10u
R10
1.47k
R0 30.1K
C1
1.5n
C2
33n
R1
1.58K
R3
L1
4.7u
From outside
C4
10u
C9
33n
R8
17.8
R7
953
JA
5V
1
5V
2
GND
3
GND
4
GND
5
APS-SET
6
APS-SENSE
7
GND
8
APS-OUT
9
APS-OUT
10
U1
S C 4601
VCC
1
SYNC/SLEEP
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
R15 1
U2
FDS8928A
Gn
2
Gp
4
Dn1
5
Dn2
6
Dp1
7
Dp2
8
C3
4.7u
C7
150u
C14
33n
R6
1.0
R5
1.0
R16
750
R9
C10
10u
C11
10u
R10
1.47k
R0 30.1K
C1
1.5n
C2
33n
R1
1.58K
R3
L1
4.7u
From outside
C4
10u
C9
33n
R8
17.8
R7
953
JA
5V
1
5V
2
GND
3
GND
4
GND
5
APS-SET
6
APS-SENSE
7
GND
8
APS-OUT
9
APS-OUT
10
Vin = 3.3V
VCC
1
SY NC/SLEEP
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
U1
SC4601
R15
1
C3
4.7u
R2
3.32k
C7
150u
C14
33n
R6
1.0
R5
1.0
R9
3.09k
M2
C10
22u
C11
22u
C12
22u
C13
22u
R11
100
ON/OFF
R10
100
TRIM
Vo = 1.5V/6A
C4
22u
R0 30.1K
C1
470p
C2
6.8n
R1
5.1K
R3
3.65K
L1
1.6u
C9
5.6n
R8
102
M1
R7
2.7k
Figure 6. Schematic for 3.3V/1.5V @ 6A application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com