Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1485ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1485ITSTR Datasheet HTML 10Page - Semtech Corporation SC1485ITSTR Datasheet HTML 11Page - Semtech Corporation SC1485ITSTR Datasheet HTML 12Page - Semtech Corporation SC1485ITSTR Datasheet HTML 13Page - Semtech Corporation SC1485ITSTR Datasheet HTML 14Page - Semtech Corporation SC1485ITSTR Datasheet HTML 15Page - Semtech Corporation SC1485ITSTR Datasheet HTML 16Page - Semtech Corporation SC1485ITSTR Datasheet HTML 17Page - Semtech Corporation SC1485ITSTR Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
For our example:
C
OUT(MIN) = 610µF.
We will select 440µF, using two 220µF, 25m
Ω
capacitors in parallel. For smaller load release overshoot,
660µF may be used. Alternatively, one 15m
Ω or 12mΩ
220µF, 330µF or 470µF capacitor may be used (with
the appropriate change to the calculation for C
TOP),
depending upon the load transient requirements.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
()
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
•
−
•
=
For our example:
I
IN(RMS) = 2.14ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10µF,
1210 size, 25V ceramic capacitor can handle
approximately 3A
RMS. Refer to manufacturer’s data
sheets and derate appropriately.
Finally, we calculate the current limit resistor value. As
described in the current limit section, the current limit
looks at the “valley current”, which is the average output
current minus half the ripple current. We use the
maximum room temperature specification for MOSFET
R
DS(ON) at VGS = 4.5V for purposes of this calculation:
A
2
I
I
I
)
MIN
(
VBAT
_
RIPPLE
OUT
VALLEY
−
=
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under
normal operating conditions.
()
Ohms
10
10
4
.
1
R
2
.
1
I
R
6
)
ON
(
DS
VALLEY
ILIM
−
•
•
•
•
=
For our example:
I
VALLEY = 5.13A, RDS(ON) = 9mΩ and RILIM = 7.76kΩ
We select the next lowest 1% resistor value: 7.68k
Ω
Thermal Considerations
The junction temperature of the device may be
calculated as follows:
C
P
T
T
JA
D
A
J
°
θ
•
+
=
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
()
W
D
mA
1
VBST
f
Q
V
D
mA
1
VBST
f
Q
V
I
VDDP
I
VCCA
2
P
2
2
2
g
g
1
1
1
g
g
VDDP
VCCA
D
•
•
+
•
•
+
•
•
+
•
•
+
•
+
•
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
VDDP = gate drive supply voltage (V)
I
VDDP = gate drive operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
gx = FET gate charge, from the FET datasheet (C)
f
x = switching frequency (kHz)
VBST = boost pin voltage during t
ON (V)
D
x = duty cycle
Inserting the following values for VBAT
(MIN) condition (since
this is the worst case condition for power dissipation in
the controller) as an example (OUT1 = 1.5V, OUT2 = 1.2V):
T
A = 85°C
θ
JA = 84°C/W
VCCA = VDDP = 5V
I
VCCA = 1100µA (data sheet maximum)
I
VDDP = 150µA (data sheet maximum)
V
g = 5V
Q
gx = 60nC
f
1 = 250kHz
f
2 = 300kHz
VBAT
(MIN) = 8V
VBST
(MIN) = VBAT(MIN)+VDDP = 13V
D
1(MIN) = 1.5/8 = 0.1875
D
2(MIN) = 1.2/8 = 0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com