Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1485ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1485ITSTR Datasheet HTML 1Page - Semtech Corporation SC1485ITSTR Datasheet HTML 2Page - Semtech Corporation SC1485ITSTR Datasheet HTML 3Page - Semtech Corporation SC1485ITSTR Datasheet HTML 4Page - Semtech Corporation SC1485ITSTR Datasheet HTML 5Page - Semtech Corporation SC1485ITSTR Datasheet HTML 6Page - Semtech Corporation SC1485ITSTR Datasheet HTML 7Page - Semtech Corporation SC1485ITSTR Datasheet HTML 8Page - Semtech Corporation SC1485ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC1485
Dual Synchronous Buck Pseudo Fixed
Frequency Power Supply Controller
Description
Revision: April 26, 2005
The SC1485 is a dual output constant-on synchronous
buck PWM controller intended for use in notebook
computers and other battery operated portable devices.
Features include high efficiency and a fast dynamic
response with no minimum on time. The excellent
transient response means that SC1485 based solutions
will require less output capacitance than competing fixed
frequency converters.
The switching frequency is constant until a step in load
or line voltage occurs at which time the pulse density
and frequency will increase or decrease to counter the
change in output or input voltage. After the transient
event, the controller frequency will return to steady state
operation. At light loads, Power-Save Mode enables the
SC1485 to skip PWM pulses for better efficiency.
Each output voltage can be independently adjusted from
0.5V to VCCA. Two frequency setting resistors set the
on-time for each buck controller. The frequency can thus
be tailored to minimize crosstalk. The integrated gate
drivers feature adaptive shoot-through protection and
soft switching. Additional features include cycle-by-cycle
current limit, digital soft-start, over-voltage and under-
voltage protection, and a PGOOD output for each
controller.
Constant on-time for fast dynamic response
Programmable VOUT range = 0.5 – VCCA
VBAT Range = 1.8V – 25V
DC current sense using low-side RDS(ON) sensing
or sense resistor
Resistor programmable frequency
Cycle-by-cycle current limit
Digital soft-start
Separate PSAVE option for each switcher
Over-voltage/Under-voltage fault protection
10µA typical shutdown current
Low quiescent power dissipation
Two Power Good indicators
1% Reference (2% system DC accuracy)
Integrated gate drivers with soft switching
Separate enables
28 Lead TSSOP
Industrial temperature range
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
Features
C6
1uF
R7
R3
VOUT1
C5
1nF
R1
RTON1
VBAT
PGOOD
Q2
Q1
C4
1uF
R4
D1
C1 0.1uF
C2
10uF
5VSUS
VBAT
L1
+
C3
VOUT1
R2
10R
R5
Q4
R14
Q3
C7 0.1uF
+
C9
C12
1uF
C11
1nF
PGOOD
VBAT
L2
R11
R12
D2
5VSUS
C8
10uF
R8
RTON2
C10
1uF
R10
R9
10R
VOUT2
VOUT2
R6 0R
R13 0R
5VSUS
5VSUS
VBAT
EN/PSV1
22
TON1
23
VOUT1
24
VCCA1
25
FB1
26
PGD1
27
VSSA1
28
PGND1
1
DL1
2
VDDP1
3
ILIM1
4
LX1
5
DH1
6
BST1
7
EN/PSV2
8
TON2
9
VOUT2
10
VCCA2
11
FB2
12
PGD2
13
VSSA2
14
PGND2
15
DL2
16
VDDP2
17
ILIM2
18
LX2
19
DH2
20
BST2
21
U1
SC1485
VSSA2
VSSA2
VSSA1
VSSA1
Applications


Similar Part No. - SC1485ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1485ITSTR SEMTECH-SC1485ITSTR Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485ITSTRT SEMTECH-SC1485ITSTRT Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
More results

Similar Description - SC1485ITSTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com