Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTR Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1485ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTR Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1485ITSTR Datasheet HTML 13Page - Semtech Corporation SC1485ITSTR Datasheet HTML 14Page - Semtech Corporation SC1485ITSTR Datasheet HTML 15Page - Semtech Corporation SC1485ITSTR Datasheet HTML 16Page - Semtech Corporation SC1485ITSTR Datasheet HTML 17Page - Semtech Corporation SC1485ITSTR Datasheet HTML 18Page - Semtech Corporation SC1485ITSTR Datasheet HTML 19Page - Semtech Corporation SC1485ITSTR Datasheet HTML 20Page - Semtech Corporation SC1485ITSTR Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
 2005 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
The layout can be considered in two parts, the control section referenced to VSSA1/2 and the power section.
Looking at the control section first, locate all components referenced to VSSA1/2 on the schematic and place
these components at the chip. Connect VSSA1 and VSSA2 using either a wide (>0.020”) trace. Very little current
flows in the chip ground therefore large areas of copper are not needed.
R8
10R
0402
0402
0402
0402
C15
56p
0402
0402
0603
0603
VOUT2
EN/PSV1
22
TON1
23
VOUT1
24
VCCA1
25
FB1
26
PGD1
27
VSSA1
28
PGND1
1
DL1
2
VDDP1
3
ILIM1
4
LX1
5
DH1
6
BST1
7
EN/PSV2
8
TON2
9
VOUT2
10
VCCA2
11
FB2
12
PGD2
13
VSSA2
14
PGND2
15
DL2
16
VDDP2
17
ILIM2
18
LX2
19
DH2
20
BST2
21
U1
SC1485
C9
1uF
R4
R3
VOUT
VBAT
C4
1nF
R1
PGOOD
5VSUS
C10
1uF
5VSUS
R2
10R
0402
0402
0402
0402
C7
0402
0402
0603
0603
VOUT1
VSSA2
VSSA1
C19
1uF
R9
20k0
R13
20k0
VOUT
C18
1nF
5VSUS
R7
1M
VBAT
PGOOD
C20
1uF
5VSUS
Figure 9: Components Connected to VSSA1 and VSSA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com