Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403ITSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation SC1403ITSTR Datasheet HTML 10Page - Semtech Corporation SC1403ITSTR Datasheet HTML 11Page - Semtech Corporation SC1403ITSTR Datasheet HTML 12Page - Semtech Corporation SC1403ITSTR Datasheet HTML 13Page - Semtech Corporation SC1403ITSTR Datasheet HTML 14Page - Semtech Corporation SC1403ITSTR Datasheet HTML 15Page - Semtech Corporation SC1403ITSTR Datasheet HTML 16Page - Semtech Corporation SC1403ITSTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
 2004 Semtech Corp.
SC1403
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Applications Information
Applications Information (Cont.)
.
S
2
G
GATE
f
V
C
2
1
P
⋅
⋅
⋅
=
Cg is the effective gate capacitance, equal to the Total Gate Charge
divided by VGS from the vendor datasheet, and is 7.9nF for the
IRF7413. V in the above formula is the final gate-source voltage
on the mosfet, 5V for the SC1403.
The total mosfet losses is the sum of the three loss components.
GATE
SWITCHING
CONDUCTION
DISS
_
TOTAL
P
P
P
P
+
+
=
The mosfet dissipation under conditions of 15V input, 6A load,
and ambient temperature of 25C, can be determined as:
DNOM = 0.22
∆IL = 1.26A
IMIN = 5.37A
IMAX = 6.63A
IRMS = 4.88A
Rds(on) (100C) = 18 mohm
PCONDUCTION = 429mW
PSWITCHING = 97mW
PGATE = 30mW
PTOTAL_DISS = 429 + 97 + 30 = 556 mW
The junction temperature rise resulting from the power dissipation
is calculated as:
JA
T
J
θ
P
T
⋅
=
∆
P
T is the total device dissipation, and θJA is the package thermal
resistance, which is 50°C/W for the IRf7413. The junction tem-
perature rise is then:
∆T
J = 0.556W
.
50°C/W = 27.8°
This is a modest temperature rise, so no special heat sinking is
required when laying out the mosfet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com