Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403ITSTR Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1403ITSTR Datasheet HTML 17Page - Semtech Corporation SC1403ITSTR Datasheet HTML 18Page - Semtech Corporation SC1403ITSTR Datasheet HTML 19Page - Semtech Corporation SC1403ITSTR Datasheet HTML 20Page - Semtech Corporation SC1403ITSTR Datasheet HTML 21Page - Semtech Corporation SC1403ITSTR Datasheet HTML 22Page - Semtech Corporation SC1403ITSTR Datasheet HTML 23Page - Semtech Corporation SC1403ITSTR Datasheet HTML 24Page - Semtech Corporation SC1403ITSTR Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
 2004 Semtech Corp.
SC1403
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Applications Information (Cont.)
Input ripple current calculations: The following equations provide
quick approximations for input ripple current:
cycle
duty
3V
V
V
D
IN
=
=
/
3
.
3
3
cycle
duty
5V
V
V
D
IN
=
=
/
5
5
current
load
DC
3V
I
=
3
current
load
DC
5V
I
=
5
D
OVL = overlapping duty cycle of the 3V and 5V pulses
(varies according to input voltage)
IN
OVL
V
9.6V
for
0
D
≤
=
9.6V
V
6.7V
for
0.41)
-
(D5
D
IN
OVL
<
≤
=
7
.
6
V
for
0.36)
-
(D5
D
IN
OVL
<
=
current
input
DC
Average
IIN
=
5
5
3
3
D
I
D
I
IIN
⋅
+
⋅
=
IN
RMS
SW
V
from
drawn
current
RMS
I
=
_
5
3
2
5
5
3
3
2
2
_
2
I
I
D
I
D
I
D
I
OVL
RMS
SW
⋅
⋅
⋅
+
⋅
+
⋅
=
2
2
IN_AVE
SW_RMS
I
I
+
=
RMS_CAP
I
The worst-case ripple current varies by application. For the case
of I3 = I5 = 6A, the worst-case ripple occurs at Vin = 7.5V, at which
point the rms capacitor ripple current is 4.2A. To handle this the
reference design uses 4 paralleled ceramic capacitors, (Murata
GRM32NF51E106Z, 10 uF 25V, size 1210). Each capacitor is
rated at 2.2A.
Choosing Synchronous mosfet and Schottky Diode
Since this is a buck topology, the voltage and current ratings of the
synchronous mosfet are the same as the main switching mosfet.
It makes sense cost- and volume-wise to use the same mosfet for
the main switch as for the synchronous mosfet. Therefore, IRF7413
is used again in the design for synchronous mosfet.
To improve overall efficiency, an external Schottky diode is used in
parallel to the synchronous mosfet. The freewheeling current is
going into the Schottky diode instead of the body diode of the
synchronous mosfet, which usually has very high forward drop and
slow transient behavior. It is really important when laying out the
board to place both the synchronous mosfet and Schottky diode
close to each other to reduce the current ramp-up and ramp-down
time due to parasitic inductance between the channel of the mosfet
and the Schottky diode. The current rating of the Schottky diode
can be determined by the following equation:
A
2
.
0
T
n
100
I
I
S
LOAD
AVG
_
F
=
⋅
=
where 100nsec is the estimated time between the mosfet turn-
ing off and the Schottky diode taking over and Ts = 3.33uS. There-
fore a Schottky diode with a forward current of 0.5A is sufficient
for this design.
External Feedback Design
In order to optimize the ripple voltage during Power Save mode, it
is strongly recommended to use external voltage dividers (R10
and R9 for 5V power train; R8 and R11 for 3.3V power train) to
achieve the required output voltages. In addition a 56pF (C22 for
5V and C21 for 3.3V) cap is recommended connecting from the
output to both feedback pins (pin # 3 and #12). The signal-to-
noise ratio is therefore increased due to the added zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com