Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403ITSTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1403ITSTR Datasheet HTML 1Page - Semtech Corporation SC1403ITSTR Datasheet HTML 2Page - Semtech Corporation SC1403ITSTR Datasheet HTML 3Page - Semtech Corporation SC1403ITSTR Datasheet HTML 4Page - Semtech Corporation SC1403ITSTR Datasheet HTML 5Page - Semtech Corporation SC1403ITSTR Datasheet HTML 6Page - Semtech Corporation SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
 2004 Semtech Corp.
SC1403
PRELIMINARY
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Electrical Characteristics
Absolute Maximum Ratings
Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T
A =-40 to 85°C. Typical values are at
T
A = +25°C. Circuit = Typical Application Circuit
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
S
R
E
L
L
O
R
T
N
O
C
S
P
M
S
N
I
A
M
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
n
I
0
.
60
.
0
3V
e
l
b
a
t
s
u
j
d
A
-
e
g
n
a
r
5
B
F
,
3
B
F
e
d
o
M
,
x
B
F
=
x
L
S
C
,
V
0
3
o
t
0
.
6
=
+
V
t
i
m
il
t
n
e
r
r
u
c
o
t
A
0
=
d
a
o
L
t
u
p
t
u
O
5
4
.
25
.
25
5
.
2V
e
d
o
M
d
e
x
i
F
-
t
u
p
t
u
O
V
3
.
3,
V
0
=
3
B
F
,
V
0
3
o
t
0
.
6
=
+
V
t
i
m
il
t
n
e
r
r
u
c
o
t
A
0
=
d
a
o
L
V
3
3
2
.
33
.
37
3
.
3V
e
d
o
M
d
e
x
i
F
-
t
u
p
t
u
O
V
5,
V
0
=
5
B
F
,
V
0
3
o
t
0
.
6
=
+
V
t
i
m
il
t
n
e
r
r
u
c
o
t
A
0
=
d
a
o
L
V
5
9
.
40
.
51
.
5V
e
g
n
a
R
t
s
u
j
d
A
e
g
a
tl
o
V
t
u
p
t
u
OS
P
M
S
r
e
h
t
i
EF
E
R5
.
5V
d
l
o
h
s
e
r
h
T
e
d
o
M
e
l
b
a
t
s
u
j
d
A5
B
F
/
3
B
F
t
a
d
e
r
u
s
a
e
M5
.
08
.
01
.
1V
n
o
it
a
l
u
g
e
R
d
a
o
L
t
i
m
il
t
n
e
r
r
u
c
o
t
A
0
,
S
P
M
S
r
e
h
t
i
E4
.
0
-%
n
o
it
a
l
u
g
e
R
e
n
i
L
V
=
#
E
V
A
S
P
;
0
3
<
+
V
<
V
0
.
6
,
S
P
M
S
r
e
h
t
i
E
L
5
0
.
0
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
R
E
T
E
M
A
R
A
PN
O
I
T
P
I
R
C
S
E
DM
U
M
I
X
A
MS
T
I
N
U
D
N
G
o
t
5
E
S
A
H
P
,
3
E
S
A
H
P
,
+
V
,
D
D
V
s
e
g
a
tl
o
V
e
s
a
h
P
d
n
a
y
l
p
p
u
S0
3
+
o
t
3
.
0
-V
D
N
G
o
t
5
E
S
A
H
P
,
3
E
S
A
H
Ps
e
g
a
tl
o
V
e
s
a
h
P)
c
e
s
n
0
0
1
-
t
n
e
i
s
n
a
r
t
(
0
.
2
-V
D
N
G
o
t
5
H
D
,
3
H
D
,
5
T
S
B
,
3
T
S
Bs
e
g
a
tl
o
v
t
s
o
o
B6
3
+
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
P
d
n
u
o
r
G
l
a
n
g
i
S
o
t
d
n
u
o
r
G
r
e
w
o
P3
.
0
±V
D
N
G
o
t
L
Vy
l
p
p
u
S
c
i
g
o
L6
+
o
t
3
.
0
-V
;
5
E
S
A
H
P
o
t
5
T
S
B
;
3
E
S
A
H
P
o
t
3
T
S
B
y
l
p
p
u
S
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H6
+
o
t
3
.
0
-V
5
E
S
A
H
P
o
t
5
H
D
;
3
E
S
A
H
P
o
t
3
H
D
s
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H)
3
.
0
+
x
T
S
B
+
(
o
t
3
.
0
-V
D
N
G
o
t
5
L
D
,
3
L
D
D
N
G
o
t
3
H
S
C
,
3
L
S
C
,
5
H
S
C
,
5
L
S
C
s
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
e
d
i
s
-
w
o
L
s
t
u
p
n
i
e
s
n
e
S
t
n
e
r
r
u
C
d
n
a
)
3
.
0
+
L
V
(
+
o
t
3
.
0
-V
,
#
T
E
S
E
R
,
5
N
O
,
#
E
V
A
S
P
,
Q
E
S
,
C
N
Y
S
,
F
E
R
D
N
G
o
t
5
P
M
O
C
,
3
P
M
O
C
,
5
B
F
,
3
B
F
,
L
V
s
t
u
p
t
u
o
/
s
t
u
p
n
i
c
i
g
o
L)
3
.
0
+
L
V
(
+
o
t
3
.
0
-V
D
N
G
o
t
#
N
D
H
S
,
3
N
O
)
V
3
.
0
+
+
V
(
+
o
t
3
.
0
-V
D
N
G
o
t
t
r
o
h
S
F
E
R
,
L
V
s
u
o
u
n
it
n
o
C
t
n
e
r
r
u
C
F
E
R
5
+A
m
t
n
e
r
r
u
C
L
V
0
5
+A
m
T
J
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J0
5
1
+C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
e
g
a
k
c
a
Pt
n
e
i
b
m
a
o
t
n
o
it
c
n
u
j6
7t
t
a
W
/
C
°
T
S
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
0
2
+
o
t
5
6
-C
°
T
L
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L.
x
a
m
d
n
o
c
e
s
0
1
,
C
°
0
0
3
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com