Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA3 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48RA3
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA3 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48RA3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
¾
2.0V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock
(RC OSC)
¾
2.0V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
3V
50% duty
0
¾
4000
kHz
5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
32
65
130
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
3V
Without WDT prescaler
11
23
46
ms
5V
8
17
33
ms
tWDT2
Watchdog Time-out Period (fSYS/4)
¾
Without WDT prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up reset or
wake-up from HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tACC
Data ROM Access Time
¾¾
1
¾¾
ms
Note: tSYS=1/(fSYS)
HT48RA3/HT48CA3
Rev. 1.30
5
October 12, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com