Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA3 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT48RA3
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA3 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT48RA3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
HT48RA3/HT48CA3
Rev. 1.30
18
October 12, 2007
Options
The following table shows all kinds of options in the MCU. All of the options must be defined to ensure proper system
functioning.
Function
PA0~PA7 wake-up enable or disable
PC pull-high enable or disable
PA pull-high enable or disable: Byte option
PF pull-high enable or disable
PB pull-high (PB0~PB3, PB4~PB7) enable or disable: Nibble option
PB0 or PFD
CLR WDT instructions
System oscillators: RC or crystal
WDT enable or disable
WDT clock source: WDTOSC or system clock/4 (T1D)
LVR function: enable or disable
LVR voltage: 2.0V or 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com