Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA3 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT48RA3
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA3 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT48RA3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA3 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
HT48RA3/HT48CA3
Rev. 1.30
16
October 12, 2007
Timer/Event Counter 1 preload register. The
Timer/Event Counter 1 will still operate until the overflow
occurs (a Timer/Event Counter 1 reloading will occur at
the same time).
When the Timer/Event Counter 1 (reading TMR1H) is
read, the clock will be blocked to avoid errors. As this
may results in a counting error, this must be taken into
consideration by the programmer.
The definitions of the TMR1C are as shown.
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T1E
To define the active edge of TMR1 pin
input signal
(0/1: active on low to high/high to low)
4
T1ON
To enable/disable timer 1 counting
(0/1: disabled/enabled)
5
¾
Unused bit, read as
²0²
6
7
T1M0
T1M1
To define the operating mode
(T1M1, T1M0)
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR1C (11H) Register
Input/Output Ports
There are 23 bi-directional input/output lines in the mi-
cro-controller, labeled from PA to PC and PF, which are
mapped to the data memory of [12H], [14H], [16H] and
[1CH], respectively. All of these I/O ports can be used as
input and output operations. For input operation, these
ports are non-latching, that is, the inputs must be ready
at the T2 rising edge of instruction
²MOV A,[m]² (m =
12H, 14H, 16H or 1CH). For output operation, all the
data is latched and remains unchanged until the output
latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC, PFC) to control the input/output configuration.
With this control register, CMOS output or Schmitt trig-
ger input with or without (depends on options) pull-high
resistor structures can be reconfigured dynamically (i.e.,
on-the fly) under software control. To function as an in-
put, the corresponding latch of the control register has to
be set as
²1². The pull-high resistor (if the pull-high re-
sistor is enabled) will be exhibited automatically. The in-
put sources also depends on the control register. If the
control register bit is
²1², the input will read the pad state
(
²mov² and read-modify-write instructions). If the control
register bit is 0, the contents of the latches will move to
internal data bus (
²mov² and read-modify-write instruc-
tions). The input paths (pad state or latches) of
read-modify-write instructions are dependent on the
control register bits. For output function, CMOS is the
only configuration. These control registers are mapped
to locations 13H, 15H, 17H and 1DH.
After a chip reset, these input/output lines stay at high
levels (pull-high options) or floating state (non-pull-high
options). Each bit of these input/output latches can be
set or cleared by
²SET [m].i² (m=12H, 14H, 16H or 1CH)
instructions. Some instructions first input data and then
follow the output operations. For example,
²SET [m].i²,
²CLR [m].i², ²CPLA [m]² read the entire port states into
the CPU, execute the defined operations (bit-operation),
and then write the results back to the latches or the ac-
cumulator.
V D D
P A 0 ~ P A 7
P B 0 / P F D
P B 1 ~ P B 7
P C 0 ~ P C 5
P F 0
M
U
X
M
U
X
P F D E N
( P B 0 O n l y )
O P 0 ~ O P 7
I N T f o r P F 0 O n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
P B 0
P F D
( P B 0 O n l y )
D
Q
C K Q B
S
D
Q
C K Q B
S
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P F D f o r P B 0 o n l y , c o n t r o l = P B 0 d a t a r e g i s t e r
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com