Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2446 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2446 Datasheet HTML 1Page - Semtech Corporation SC2446 Datasheet HTML 2Page - Semtech Corporation SC2446 Datasheet HTML 3Page - Semtech Corporation SC2446 Datasheet HTML 4Page - Semtech Corporation SC2446 Datasheet HTML 5Page - Semtech Corporation SC2446 Datasheet HTML 6Page - Semtech Corporation SC2446 Datasheet HTML 7Page - Semtech Corporation SC2446 Datasheet HTML 8Page - Semtech Corporation SC2446 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
POWER MANAGEMENT
1
U.S. Patent No. 6,441,597, www.semtech.com
SC2446
Dual-Phase Single or Two Output
Synchronous Step-Down Controllers
Description
Revision: September 9, 2004
Features
Typical Application Circuit
R76
C102
RCS-
R78
VO1
C99
RFILTER
VIN
RCS+
SYNC
C101
R81
C106
C97
RCS-
C105
C92
U1
SC2446
REFOUT
PGND
GDH2
BST2
IN1-
VPN1
SYNC
CS1+
PVCC
COMP1
SS1/EN1
CS1-
SS2/EN2
COMP2
IN2-
REFIN
CS2-
CS2+
VPN2
VIN2
BST1
GDH1
GDL1
GDL2
REF
Rosc
AGND
AVCC
R80
D11
R77
RFILTER
C96
C103
R73
C100
CFILTER
C93
+
C95
R85
C104
R83
C109
R82
CFILTER
VIN
REF
Dual Independant Outputs
C94
R84
Q22
D12
R74
VIN
R75
L12
C108
Q23
C107
R79
Q21
+
C98
Q24
RCS+
VO2
L11
The SC2446 is a high-frequency dual synchronous step-
down switching power supply controller. It provides out-
of-phase high-current output gate drives to all N-chan-
nel MOSFET power stages. The SC2446 operates in syn-
chronous continuous-conduction mode. Both phases are
capable of maintaining regulation with sourcing or sink-
ing load currents, making the SC2446 suitable for gen-
erating both V
DDQ and the tracking VTT for DDR applica-
tions.
The SC2446 employs fixed frequency peak current-mode
control for the ease of frequency compensation and fast
transient response.
The dual-phase step-down controllers of the SC2446 can
be configured to provide two individually controlled and
regulated outputs or a single output with shared current
in each phase. The Step-down controllers operate from an
input of at least 4.7V and are capable of regulating out-
puts as low as 0.5V
The step-down controllers in the SC2446 have the pro-
vision to sense a synthesized MOSFET R
DS(ON) for
cur-
rent-mode control. This sensing scheme (U.S. patent
6,441,597) eliminates the need of the current-sense re-
sistor and is more noise-immune than direct sensing of
the high-side or the low-side MOSFET voltage. Precise cur-
rent-sensing with sense resistor is optional.
Individual soft-start and overload shutdown timer is in-
cluded in each step-down controller. The SC2446 imple-
ments hiccup overload protection. In two-phase single-
output configuration, the master timer controls the soft-
start and overload shutdown functions of both control-
lers.
2-Phase synchronous continuous conduction mode
for high efficiency step-down converters
Out of phase operation for low input current ripples
Output source and sink currents
Fixed frequency peak current-mode control
75mV/-110mV maximum current sense voltage
Synthesized MOSFET R
DS(ON) current-sensing for
low-cost applications
Optional resistor current-sensing for precise current-
limit
Dual outputs or 2-phase single output operation
Excellent current sharing between individual phases
Wide input voltage range: 4.7V to 16V
Individual soft-start, overload shutdown and enable
Duty cycle up to 88%
0.5V feedback voltage for low-voltage outputs
External reference input for DDR applications
Buffered V
DDQ/2 output
Programmable frequency up to 1 MHz per phase
External synchronization
Industrial temperature range
28-lead TSSOP - EDP package
Applications
Telecommunication power supplies
DDR memory power supplies
Graphic power supplies
Servers and base stations
Figure 1


Similar Part No. - SC2446

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446AEVB SEMTECH-SC2446AEVB Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446AITSTRT SEMTECH-SC2446AITSTRT Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
More results

Similar Description - SC2446

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
logo
Linear Technology
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
logo
Linear Technology
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com