Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2446 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 17Page - Semtech Corporation SC2446 Datasheet HTML 18Page - Semtech Corporation SC2446 Datasheet HTML 19Page - Semtech Corporation SC2446 Datasheet HTML 20Page - Semtech Corporation SC2446 Datasheet HTML 21Page - Semtech Corporation SC2446 Datasheet HTML 22Page - Semtech Corporation SC2446 Datasheet HTML 23Page - Semtech Corporation SC2446 Datasheet HTML 24Page - Semtech Corporation SC2446 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Application Information (Cont.)
,
R
L
C
R
eq
s
s
=
,
mV
75
V
R
R
R
I
O
3
s
s
eq
LM
=
+
for R
s and RS3.
R
s2 is then obtained from
.
R
R
R
R
R
s
3
s
s
3
s
2
s
−
=
If the current limit is to be set to I
LM = 5A with the existing
power circuit parameter and C
s, it is calculated that
R
s=4.12 kΩ, Rs3=190 kΩ and Rs2=4.22 kΩ.
Similar steps and equations apply to the current limit
setting and scaling for current sinking mode.
Remark 4: When the current limit I
LM is lower than ILMcp,
the designer has the freedom of selecting higher Rds(ON)
MOSFETs to reduce cost. As a result, R
eg is increased
and I
LMcp is reduced.
Although the use of low-cost
MOSFET’s is always preferred, the current-limit setting
technique described above allows quick adjustment on a
well-tested prototype without the need to replace the
power MOSFETs.
Overload Protection and Hiccup
During start-up, the capacitor from the SS/EN pin to
ground functions as a soft-start capacitor. After the
converter starts and enters regulation, the same
capacitor operates as an overload shutoff timing
capacitor. As the load current increases, the cycle-by-
cycle current-limit comparator will first limit the inductor
current. Further increase in loading will cause the output
voltage (hence the feedback voltage) to fall. If the
feedback voltage falls to less than (75% for Ch1, 72%
for Ch2) of the reference voltage, the controller will shut
off both the top and the bottom MOSFET’s. Meanwhile
an internal 1.
4µA current source discharges the soft-start
capacitor C
32(C33) connected to the SS/EN pin.
When the capacitor is discharged to 0.5V, a 2
µA current
source recharges the SS/EN capacitor and converter
restarts. If overload persists, the controller will shut down
the converter when the soft start capacitor voltage
exceeds 3.2V. The converter will repeatedly start and shut
off until it is no longer overloaded. This hiccup mode of
overload protection is a form of foldback current limiting.
The following calculations estimate the average inductor
current when the converter output is shorted to the
ground.
a) The time taken to discharge the capacitor from 3.2V
to 0.5V
.
A
4
.
1
V
)
5
.
0
2
.
3
(
C
t
32
ssf
µ
−
=
If C
32 = 0.1µF, tssf is calculated as 193ms.
b) The soft start time from 0.5V to 3.2V
.
A
2
V
)
5
.
0
2
.
3
(
C
t
32
ssr
µ
−
=
When C
32 = 0.1µF, tssr is calculated as 135ms. Note that
during soft start, the converter only starts switching when
the voltage at SS/EN exceeds 1.2V.
c) The effective start-up time is
.
A
2
V
)
2
.
1
2
.
3
(
C
t
32
sso
µ
−
=
The average inductor current is then
.
t
t
t
I
I
ssr
ssf
sso
LMcp
Leff
+
=
I
Leff
≈ 0.30 I
LMcp and is independent of the soft start
capacitor value. The converter will not overheat in hiccup.
Setting the Output Voltage
The non-inverting input of the channel-one error amplifier
is internally tied the 0.5V voltage reference output (Pin
8). The non-inverting input of the channel-two error
amplifier is brought out as a device pin (Pin 10) to which
the user can connect Pin 8 or an external voltage
reference. A simple voltage divider (R
o1 at top and Ro2 at
bottom) sets the converter output voltage. The voltage
feedback gain h=0.5/V
o is related to the divider resistors
value as
.
1
o
2
o
R
h
1
h
R
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com