Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2446 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 24Page - Semtech Corporation SC2446 Datasheet HTML 25Page - Semtech Corporation SC2446 Datasheet HTML 26Page - Semtech Corporation SC2446 Datasheet HTML 27Page - Semtech Corporation SC2446 Datasheet HTML 28Page - Semtech Corporation SC2446 Datasheet HTML 29Page - Semtech Corporation SC2446 Datasheet HTML 30Page - Semtech Corporation SC2446 Datasheet HTML 31Page - Semtech Corporation SC2446 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Typical Performance Characteristics
AVCC UVLO vs. Temperature
REF Voltage vs. Temperature
REFout Voltage vs. Temperature
Switching Frequency vs. Temperature
4.3
4.35
4.4
4.45
4.5
4.55
4.6
-50
0
50
100
Ta (degree)
AVCC (Rising)
AVCC (Falling)
498
498.5
499
499.5
500
500.5
501
501.5
502
502.5
-50
0
50
100
Ta (degree)
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-50
0
50
100
Ta (degree)
REFin=1.25V
498
500
502
504
506
508
510
512
-50
0
50
100
Ta (degree)
Rosc=51.1 kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com