Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2618 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2618
Description  Miniature PWM Controller for Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2618 Datasheet HTML 1Page - Semtech Corporation SC2618 Datasheet HTML 2Page - Semtech Corporation SC2618 Datasheet HTML 3Page - Semtech Corporation SC2618 Datasheet HTML 4Page - Semtech Corporation SC2618 Datasheet HTML 5Page - Semtech Corporation SC2618 Datasheet HTML 6Page - Semtech Corporation SC2618 Datasheet HTML 7Page - Semtech Corporation SC2618 Datasheet HTML 8Page - Semtech Corporation SC2618 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2618
Miniature PWM Controller
for Buck Regulator
Features
Applications
Revision: September 19, 2005
Typical Application Circuit
Description
The SC2618 is a hysteretic mode PWM controller de-
signed for high efficiency, low cost “Point of Load” appli-
cations.
The hysteretic control scheme allows the use of ceramic
output capacitors without the need for compensation
components and difficult calculations.
An internal soft start prevents output voltage from start
up overshoot. A “Hiccup” short circuit protection provides
protection against output short circuits as well as ad-
verse input supply sequencing.
Operating Frequency up to 500kHz
Input supply from 5V to 12V
0.5A gate drive capability
Internal soft start
Internal, trimmed bandgap reference (±1%)
Hiccup mode short circuit protection
Input supply sequence protection
6 lead SOT23 package
GND
VCC
BOOST
VIN
Q2
GND
VO
Q1
SC2618
2
3
1
5
6
4
GND
VCC
DL
BST
DH
FB
Graphics IC Power supplies
Embedded, low cost, high efficiency converters


Similar Part No. - SC2618

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC261 MOTOROLA-SC261 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
Hermetic Triacs
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
Hermetic Triacs
logo
VITALCONN ELECTRONICS H...
SC261 VITALCONN-SC261 Datasheet
437Kb / 3P
SFP2*6 CAGECONN
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2618

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
PWM Buck Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Anpec Electronics Corop...
APW8816 ANPEC-APW8816 Datasheet
565Kb / 26P
Single Buck PWM Controller With Linear Regulator
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
PWM Buck Regulator
December, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com