Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2618 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2618
Description  Miniature PWM Controller for Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2618 Datasheet HTML 1Page - Semtech Corporation SC2618 Datasheet HTML 2Page - Semtech Corporation SC2618 Datasheet HTML 3Page - Semtech Corporation SC2618 Datasheet HTML 4Page - Semtech Corporation SC2618 Datasheet HTML 5Page - Semtech Corporation SC2618 Datasheet HTML 6Page - Semtech Corporation SC2618 Datasheet HTML 7Page - Semtech Corporation SC2618 Datasheet HTML 8Page - Semtech Corporation SC2618 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2618
Note: (1) 1 square inch of FR4, double sided, 1oz, minimum copper weight
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
C
C
VVCC
5
7
.
44
1V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
C
C
VIQVCC
V
C
C
V
,
V
0
.
5
=
F
E
R
V
,
V
0
=
B
F
V
m
0
0
1
=5
0
1A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
C
C
VV
U VCC
0
.
42
.
45
.
4V
e
g
a
t
l
o
V
y
l
p
p
u
S
t
s
o
o
BVBST
9
2V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
t
s
o
o
BI
T
S
B
Q
V
B
F
V
0
0
2
.
1
=3
A
m
e
m
i
T
t
r
a
t
S
t
f
o
Ss
s
T0
0
1s
u
e
g
a
t
l
o
V
t
u
p
t
u
O
VO
IO
V
;
A
m
0
2
=
B
F
V
=
O
7
3
2
.
10
5
2
.
13
6
2
.
1
V
5
2
2
.
15
7
2
.
1
n
o
i
t
a
l
u
g
e
R
d
a
o
LIO
A
4
o
t
A
2
.
0
=1
%
n
o
i
t
a
l
u
g
e
R
e
n
i
L
5
.
0
±%
e
g
a
t
l
o
V
p
i
r
T
t
i
u
c
r
i
C
t
r
o
h
SVSCT
5
0
.
1V
e
m
i
T
F
F
O
/
N
O
m
u
m
i
n
i
MtDEL
1s
u
t
n
e
r
r
u
c
s
a
i
b
B
FIFB
VFB
V
5
2
.
1
=1
-A
u
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
k
a
e
P,
V
5
.
4
=
H
D
-
T
S
BV
5
.
3
=
D
N
G
-
H
D
V
5
.
1
=
D
N
G
-
H
D
5
.
0
0
5
A
A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
k
a
e
P,
V
5
.
4
=
L
D
-
T
S
BV
5
.
3
=
D
N
G
-
L
D
V
5
.
1
=
D
N
G
-
L
D
5
.
0
0
5
A
A
m
e
m
i
T
g
n
i
p
p
a
l
r
e
v
o
n
o
N
L
D
,
H
DC
D
A
O
L
V
2
=
L
D
/
H
D
t
a
d
e
r
u
s
a
e
M
;
F
p
0
0
0
1
=0
20
5s
n
Unless specified: V
CC = VIN = 5V,
V
BST = 12V,
V
FB = VO; TA = 25°C. Values in bold are over full operating temperature range.
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
n
IV
C
C
5
1V
e
g
a
t
l
o
V
y
l
p
p
u
S
t
s
o
o
BV
T
S
B
0
3V
e
g
a
t
l
o
V
B
FV
B
F
8V
D
N
G
o
t
L
DV
L
D
V
o
t
1
-
C
C
3
.
0
+V
D
N
G
o
t
H
DV
H
D
V
o
t
1
-
T
S
B
3
.
0
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
9
)
1
(
W
/
C
°
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
2
6W
/
C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
i
t
a
R
D
S
ED
S
E2
V
k
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com